Electronic Components Datasheet Search
  English  ▼

X  

MA8334 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MA8334
Description  RF High Average Power Multi-Throw PIN Diode Switch Modules
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA8334 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MA8334 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA8334 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA8334 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
RF High Average Power Multi-Throw PIN Diode Switch Modules
Rev. V4
MA8334 Series
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Note: Specifications subject to change without notification
Performance Data
Model
Number
Case
Style
Maximum
3
CW Input
Power
(Watts)
Switch
Type
Frequency
Range
(MHz)
Minimum
Isolation
1,2
(dB)
Maximum
Insertion
Loss
1,2
(dB)
Diode
Voltage
Rating
(Volts)
MA8334-001
844-001
100
SPDT
10-1000
24
0.35
900
MA8334-004
844-004
100
SP3T
10-1000
24
0.35
900
Nominal
Carrier
Lifetime
5
TL (µS)
8
8
Specifications @ TA=+25°C
1. For the MA8334-001 and the MA8334-004
Switches, the Small Signal Insertion Loss and
Isolation measurements are performed at 450
MHz with the “ON” Port Forward Biased @ +
50mA, +1V and the “OFF” Port Reverse Biased
at 0V, 0 mA. For ( 100 W ) High Signal condi-
tions, the “ON “ Port is Forward Biased @ +
50mA, +1V and the “OFF” Port is Reverse Bi-
ased at –100V, 0 mA.
2. Maximum Small Signal VSWR for all Switches
is 1.35:1 with Source and Load VSWR
<
1.05 :1 in 50 Ω System at specified 450 MHz
frequency.
3. Nominal Thermal Resistance for Each Diode is
20 °C/W.
4. Useful Switch Design Application Note: AG312 “
Design with PIN Diodes ” located at
http://
www.macom.com/Application%20Notes/pdf/
ag312.pdf
5. Bias conditions +10mA/-6mA
Performance Notes:



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com