Electronic Components Datasheet Search
  English  ▼

X  

MA43592 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MA43592
Description  Silicon Step Recovery Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA43592 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MA43592 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA43592 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA43592 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA43592 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA43592 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Silicon Step Recovery Diodes
Rev. V5
MA43000, MA44600 Series
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Low Transition Times
• Tight Capacitance Ranges
• High Voltage and Low Thermal Resistance for
Higher Input Power
• Lead-Free (RoHS* Compliant)
Description and Applications
The MA44600 series of Step Recovery diodes is de-
signed for use in low and moderate power multipliers
with output frequencies of up to 20 GHz. These Step
Recovery diodes generate harmonics by storing a
charge as the diode is driven to forward conductance
by the positive voltage of the input signal. When the
signal reverses polarity, this charge is extracted. The
Step Recovery diode will appear as a low impedance
current source until all the charge is extracted, then it
will “snap” to a higher impedance. This causes a volt-
age pulse to form in the impulse circuit of the multiplier.
Step Recovery diodes make excellent high order multi-
pliers such as comb generators. They are also useful
as efficient moderate power X2- X4 multipliers.
• High Order Narrow Band Moderate Power Multipliers
(MA44600 series)
• Comb Generators
(MA43592, MA43543)
• High Power Circuit Tested Multiplier
(MA43000 Series)
Environmental Performance
The MA44600 and MA43000 series of diodes in ce-
ramic packages are capable of meeting the tests dic-
tated by the methods and procedures of the latest revi-
sions of MIL-S- 9500, MIL-STD-202 and MIL-STD-750
which specify mechanical, electrical, thermal and other
environmental tests common to military semiconductor
products.
Absolute Maximum Ratings
1
@ TA=+25 °C (Unless Otherwise Noted)
1. Operation of this device above any one of these parameters
may cause permanent damage.
Parameter
Absolute Maximum
Operating Range
-65°C to +175°C
Storage Range
-65°C to +200°C
Specifications Subject to Change Without Notice.
Typical Case Styles
ODS-30
ODS-134
DIE
ODS-103
ODS-91
ODS-93
Maximum and Suggested Values of Snaptime (Ts)
vs. Multiplier Output Frequency
Suggested Junction Capacitance vs. Multiplier
Output Frequency
Environmental Ratings PER MIL-STD-750
Method
Level
Storage Temperature
1031
See maximum ratings
Temperature Cycle
1051
10 cycles, -65°C to +175°C
Shock
2016
500 g’s
Vibration
2056
15 g’s
Constant Acceleration
2006
20,000 g’s
Humidity
1021
10 days
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.


Similar Part No. - MA43592

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA43592 MACOM-MA43592 Datasheet
77Kb / 4P
Step Recovery Diodes
MA43592 MACOM-MA43592 Datasheet
444Kb / 5P
Silicon Step Recovery Diodes
More results

Similar Description - MA43592

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA43000 MACOM-MA43000 Datasheet
77Kb / 4P
Step Recovery Diodes
logo
Advanced Semiconductor
5082-0800 ASI-5082-0800 Datasheet
13Kb / 1P
SILICON STEP RECOVERY DIODE
5082-0310 ASI-5082-0310 Datasheet
17Kb / 1P
SILICON STEP RECOVERY DIODE
5082-0335 ASI-5082-0335 Datasheet
19Kb / 1P
SILICON STEP RECOVERY DIODE
5082-0810 ASI-5082-0810 Datasheet
19Kb / 1P
SILICON STEP RECOVERY DIODE
DVB4376-99 ASI-DVB4376-99 Datasheet
20Kb / 1P
SILICON STEP RECOVERY DIODE
logo
Tyco Electronics
MA43000 MACOM-MA43000_1 Datasheet
444Kb / 5P
Silicon Step Recovery Diodes
MA44700 MACOM-MA44700 Datasheet
75Kb / 3P
Surface Mount Low Power Step Recovery Diodes
logo
Microsemi Corporation
GC2510 MICROSEMI-GC2510 Datasheet
173Kb / 3P
POWER GENERATION Step Recovery Diodes
logo
Advanced Semiconductor
MA43000 ASI-MA43000 Datasheet
15Kb / 1P
SILICON STEP RECOVERY DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com