Electronic Components Datasheet Search
  English  ▼

X  

MASWSS0006 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0006
Description  GaAs SPDT 2.5 V High Power Switch DC - 3.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0006 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0006 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0006 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0006 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
GaAs SPDT 2.5 V High Power Switch
DC - 3.0 GHz
Rev. V4
MASWSS0006
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Low Voltage Operation: 2.5 V
• Excellent Harmonics: <-67 dBc at +34 dBm & 1.0
GHz
• Low Insertion Loss: 0.40 dB at 1.0 GHz
• High Isolation: 20 dB at 2.0 GHz
• SOT-26 Package
• 0.5 micron GaAs PHEMT Process
Description
M/A-COM’s MASWSS0006 is a GaAs PHEMT
MMIC single pole double throw (SPDT) high power
switch in a low cost SOT-26 package.
The
MASWSS0006 is ideally suited for applications
where high power, low control voltage, low insertion
loss, high isolation, small size and low cost are re-
quired.
Typical applications are for GSM and DCS handset
systems that connect separate transmit and receive
functions to a common antenna, as well as other
related handset and general purpose applications.
This part can be used in all systems operating up to
3.0 GHz requiring high power at low control voltage.
The MASWSS0006 is fabricated using a 0.5 micron
gate length GaAs PHEMT process.
The process
features full passivation for performance and reliabil-
ity.
Ordering Information
1
Part Number
Package
MASWSS0006
Bulk Packaging
MASWSS0006TR
1000 piece reel
MASWSS0006TR-3000
3000 piece reel
MASWSS0006SMB
Sample Test Board
1. Reference Application Note M513 for reel size information.
Pin No.
Pin Name
Description
1
RF1
RF Port 1
2
GND
RF Ground
3
RF2
RF Port 2
4
V2
Control 2
5
RFC
RF Common Port
6
V1
Control 1
Pin Configuration
Functional Schematic
PIN 1
39 pF
39 pF
39 pF
RFC
V1
PIN 6
RF1
GND
V2
RF2
100pF
100pF
100pF
Parameter
Absolute Maximum
Input Power
(0.5 - 3.0 GHz, 2.5 V Control)
+38 dBm
Voltage
±8.5 volts
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Absolute Maximum Ratings
2,3
V1
V2
ANT– RF1
ANT - RF2
1
0
On
Off
0
1
Off
On
Truth Table
4,5
4. Differential voltage, V (state 1) - V (State 0), must be +2.5 V
minimum.
5. 0 = -5 V to 2.5 V, 1 = -2.5 V to +5 V.
2. Exceeding any one or combination of these limits may cause
permanent damage to this device.
3. M/A-COM does not recommend sustained operation near
these survivability limits.


Similar Part No. - MASWSS0006

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0006 MACOM-MASWSS0006 Datasheet
239Kb / 5P
GaAs SP2T 2.5V High Power Switch DC - 3 GHz
MASWSS0006SMB MACOM-MASWSS0006SMB Datasheet
239Kb / 5P
GaAs SP2T 2.5V High Power Switch DC - 3 GHz
MASWSS0006TR MACOM-MASWSS0006TR Datasheet
239Kb / 5P
GaAs SP2T 2.5V High Power Switch DC - 3 GHz
More results

Similar Description - MASWSS0006

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-277 MACOM-SW-277 Datasheet
29Kb / 2P
High Power GaAs SPDT Switch DC - 2.5 GHz
SW-279 MACOM-SW-279 Datasheet
29Kb / 2P
High Power GaAs SPDT Switch DC - 2.5 GHz
MASWSS0181 MACOM-MASWSS0181 Datasheet
199Kb / 3P
GaAs SPDT 2.5 V High Power Switch DC - 3.0 GHz
MASWSS0167 MACOM-MASWSS0167 Datasheet
88Kb / 3P
2.5 V GaAs SPDT Switch 0.5 - 3.0 GHz
logo
Hexawave, Inc
HWS341 HW-HWS341 Datasheet
94Kb / 2P
GaAs DC-2.5 GHz SPDT High Power Switch
logo
M/A-COM Technology Solu...
MASWSS0167 MA-COM-MASWSS0167 Datasheet
76Kb / 3P
2.5 V GaAs SPDT Switch 0.5 - 3.0 GHz
MASWSS0181 MA-COM-MASWSS0181 Datasheet
74Kb / 3P
GaAs SPDT 2.5 V High Power Switch DC - 3.0 GHz
MASWSS0204 MA-COM-MASWSS0204 Datasheet
110Kb / 3P
GaAs SPDT 2.7 V High Power Switch DC - 3.0 GHz
MASWSS0167 MA-COM-MASWSS0167 Datasheet
76Kb / 3P
2.5 V GaAs SPDT Switch 0.5 - 3.0 GHz
MASWSS0181 MA-COM-MASWSS0181 Datasheet
74Kb / 3P
GaAs SPDT 2.5 V High Power Switch DC - 3.0 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com