Electronic Components Datasheet Search
  English  ▼

X  

4038 Datasheet(PDF) 1 Page - Micronetics, Inc.

Part # 4038
Description  COMMERCIAL SURFACE MOUNT DETECTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.

4038 Datasheet(HTML) 1 Page - Micronetics, Inc.

  4038 Datasheet HTML 1Page - Micronetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
COMMERCIAL SURFACE MOUNT DETECTOR
34
DESCRIPTION
Ideal for high volume appli-
cations, this threshold detec-
tor pinpoints RF power and
allows the user to program an
acceptable/unacceptable
power level.
CONNECTORS
s Surface mount (J-Lead)
OPERATING ENVIRONMENT
s Operating Temperature:
-55 to 100°C
s Storage Temperature:
-65 to +125°C
s Impedance:
50 ohm
APPLICATIONS
s Radio receivers/transmitters:
▫ Cellular systems
▫Video systems
PART #
TYPE
FREQ
INPUT
FLATNESS
VSWR
RESP
MAX RF
DC
RANGE
OPERAT
dB
TIME
POWER
SUPPLY
GHZ
RANGE
µs
dBm
Volts
4038
Thresh
.05-1
-17-0
±1
2.1:1
25
15
+5
ELECTRICAL CHARACTERISTICS
MICRONETICS / 26 HAMPSHIRE DRIVE / HUDSON, NH 03051 / TEL: 603-883-2900 / FAX: 603-882-8987 / CUSTOMER HOTLINE: 1-800-963-3382 / WEB: WWW.MICRONETICS.COM
PACKAGE OUTLINE


Similar Part No. - 4038

ManufacturerPart #DatasheetDescription
logo
3M Electronics
4038 3M-4038 Datasheet
71Kb / 2P
Fit Testing Materials
01/01/04
logo
Adafruit Industries
4038 ADAFRUIT-4038 Datasheet
1Mb / 4P
TinyFPGA BX - ICE40 FPGA Development Board with USB
logo
List of Unclassifed Man...
40380 ETC1-40380 Datasheet
2Mb / 6P
GERMANIUM PNP TRANSISTORS
40381 ETC1-40381 Datasheet
2Mb / 6P
GERMANIUM PNP TRANSISTORS
logo
New Jersey Semi-Conduct...
40385 NJSEMI-40385 Datasheet
102Kb / 2P
High-Voltage Silicon N-P-N Transistors
More results

Similar Description - 4038

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SYPD-1+ MINI-SYPD-1+ Datasheet
197Kb / 1P
Surface Mount Phase Detector
SYPD-2+ MINI-SYPD-2+ Datasheet
197Kb / 1P
Surface Mount Phase Detector
logo
Rohm
RPI-1031 ROHM-RPI-1031 Datasheet
74Kb / 2P
Surface Mount type 4 Direction Detector
logo
AVX Corporation
02013A101JAT2A AVX-02013A101JAT2A Datasheet
2Mb / 99P
Commercial Surface Mount Chips
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2860 AVAGO-HSMS-2860_15 Datasheet
430Kb / 18P
Surface Mount Microwave Schottky Detector Diodes
logo
Teledyne Technologies I...
PSD200125 TELEDYNE-PSD200125 Datasheet
116Kb / 4P
Surface Mount Analog Level Detector
PSD400125 TELEDYNE-PSD400125 Datasheet
89Kb / 4P
Surface Mount Analog Level Detector
logo
Broadcom Corporation.
HSMS-286B BOARDCOM-HSMS-286B Datasheet
430Kb / 18P
Surface Mount Microwave Schottky Detector Diodes
HSMS-2863 BOARDCOM-HSMS-2863 Datasheet
430Kb / 18P
Surface Mount Microwave Schottky Detector Diodes
HSMS-2865 BOARDCOM-HSMS-2865 Datasheet
430Kb / 18P
Surface Mount Microwave Schottky Detector Diodes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com