Electronic Components Datasheet Search
  English  ▼

X  

25F Datasheet(PDF) 1 Page - Naina Semiconductor ltd.

Part # 25F
Description  SILICON POWER DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

25F Datasheet(HTML) 1 Page - Naina Semiconductor ltd.

  25F Datasheet HTML 1Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DO-5
FEATURES
• All Diffused Series
• Available in Normal & Reverse Polarity
• Industrial Grade
• Available In Avalanche Characteristic
* Available in metric and UNF thread
ELECTRICALSPECIFICATIONS
25F/FR
IF(AV)
Maximum Average Forward
25A
Current T=1400C
V
FM
Maximum peak forward
1.25V
voltage drop @ Rated I
F(AV)
I
FSM
Maximum peak one cycle
400 A
(non-rep) surge current 10 m sec
I
FRM
Maximum peak repetitive
150A
surge current®
I2tMaximum I2t rating (non-rep.)
800A2Sec
for 5 to 10 m sec.
25 F / 25 FR
SILICON POWER DIODE
THERMAL MECHANICAL SPECIFICATIONS
θθθθθJC
Maximum thermal resistance Junction to case
1.50C/W
Tj
Operating Junction Temp.
-650C to 1500C
Tstg
Storage temperature
-650C to 1500C
Mounting torque
0.14 M-kg min,
(Non-lubricated threads)
0.17 M-kg max
W
Approx, weight
7 gms.
ELECTRICAL RATINGS
TYPE
NUMBER 25F/FR
10
20
40
60
80
100
120
140
160
VRRM
Max. repetitive peak reverse
100
200
400
600
800
1000
1200
1400 1600
voltage (v)
VR(RMS) Max. R.M.S. reverse voltage (V)
70
140
280
420
560
700
840
980 1120
VR
Max. D.C. Blocking Voltage (V)
100
200
400
60
800
1000
1200
1400 1600
Recommended R.M.S. working
40
80
160
240
320
400
480
560
640
Voltage(v)
iR(AV)
Max. Average reverse leakage
150
150
150
150
150
150
150
150
150
current @ VRMM Tc 250C uA
NAINA SEMICONDUCTOR LTD.
D95,SECTOR 63 NOIDA(INDIA)
e-mail : sales@nainasemi.com web site : www.nainasemi.com
NAINA
25 F/ FR
A
A
POLARITY
POLARITY
Normal
Normal
Reverse
Reverse
Ø 4.0
7
27
12
M8 x 1.25
16
Ø 8.0
32
12
11.5
M 8 x 1.25
17 A/F
17 A/F
11.5
C
C
C
C
A
A


Similar Part No. - 25F

ManufacturerPart #DatasheetDescription
logo
International Rectifier
25F IRF-25F Datasheet
54Kb / 6P
High surge current capability
logo
TRANSYS Electronics Lim...
25F-10 TEL-25F-10 Datasheet
161Kb / 1P
STANDARD RECOVERY DIODE
25F-100 TEL-25F-100 Datasheet
161Kb / 1P
STANDARD RECOVERY DIODE
25F-120 TEL-25F-120 Datasheet
161Kb / 1P
STANDARD RECOVERY DIODE
25F-20 TEL-25F-20 Datasheet
161Kb / 1P
STANDARD RECOVERY DIODE
More results

Similar Description - 25F

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
70NS NAINA-70NS Datasheet
115Kb / 1P
SILICON POWER DIODE
150NS NAINA-150NS Datasheet
115Kb / 1P
SILICON POWER DIODE
85HF NAINA-85HF Datasheet
78Kb / 1P
SILICON POWER DIODE
70HF NAINA-70HF Datasheet
77Kb / 1P
SILICON POWER DIODE
1N3288 NAINA-1N3288 Datasheet
87Kb / 1P
SILICON POWER DIODE
150U NAINA-150U Datasheet
87Kb / 1P
SILICON POWER DIODE
logo
Powersem GmbH
PSM16 POWERSEM-PSM16 Datasheet
69Kb / 1P
Silicon Power Diode
PSM70 POWERSEM-PSM70 Datasheet
79Kb / 1P
Silicon Power Diode
PSM250 POWERSEM-PSM250 Datasheet
79Kb / 1P
Silicon Power Diode
logo
Meder Electronic
PSMPSMR70 MEDER-PSMPSMR70 Datasheet
146Kb / 1P
Silicon Power Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com