Electronic Components Datasheet Search
  English  ▼

X  

16F Datasheet(PDF) 1 Page - Naina Semiconductor ltd.

Part # 16F
Description  16AMP SILICON POWER DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

16F Datasheet(HTML) 1 Page - Naina Semiconductor ltd.

  16F Datasheet HTML 1Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
• All Diffused Series
• Available in Normal & Reverse Polarity
• Industrial Grade
• Available In Avalanche Characteristic
* Available In UNF and metric thread
ELECTRICALSPECIFICATIONS
16F/FR
IF(A)
Maximum Average Forward
16A
Current Te=1500C
V
FM
Maximum peak forward
1.2V
voltage drop @ Rated I
F(AV)
I
FSMMaximum peak one cycle
300A
(non-rep) surge current 10msec
I
FRMMaximum peak one cycle (non
80A
-rep) surge current 10msec
I2t
Maximum I2t rating (non-rep.)
450A2Sec
for 5 to 10 m sec.
16F/16FR
16AMP SILICON POWER DIODE
THERMALMECHANICAL SPECIFICATIONS
θθθθθJC
Maximum thermal resistance Junction to case
1.5oC/W
TJ
Operating Junction Temp.
-65oC to 150oC
Tstg
Storage temperature
-65oC to 150oC
Mounting torque (non-lubricated threads)
0.14 M-Kg min, 0.17 M-kg max
W
Approx, weight
7 gms.
ELECTRICAL RATINGS
TYPE
16F/16FR
10
20
40
60
80
100
120
140
160
VRRM
Max. repetitive peak
100
200
400
600
800
1000
1200
1400 1600
voltage (v)
VR(RMS)
Max. R.M.S. reverse voltage (V)
70
140
280
420
560
700
840
980 1120
VR
Max. D.C. Blocking Voltage (V)
100
200
400
60
800
1000
1200
1400 1600
Recommended R.M.S. working
40
80
160
240
320
400
480
560
640
Voltage(v)
IR(AV)
Max. Average reverse leakage
100
100
100
100
100
100
100
100
100
current @ VRMM Tc 250C uA
NAINA SEMICONDUCTOR LTD,
D-95 SECTOR63 NOIDA (INDIA).
e-mail :sales@nainasemi.com, web site: www.nainasemi.com
NAINA
16F/ 16FR
DO-4
A
C
C
4
M6 x 1.0
11.5
11A/F
F
FR
19
10
A


Similar Part No. - 16F

ManufacturerPart #DatasheetDescription
logo
International Rectifier
16F IRF-16F Datasheet
71Kb / 6P
STANDARD RECOVERY DIODES
16F IRF-16F Datasheet
336Kb / 8P
6,12 and 16 Amp Diffused Silicon Rectifier Diodes
logo
Vishay Siliconix
16F VISHAY-16F Datasheet
141Kb / 6P
Standard Recovery Diodes (Stud Version), 16 A
29-Sep-08
16F VISHAY-16F Datasheet
154Kb / 7P
Standard Recovery Diodes (Stud Version), 6 A
29-Sep-08
logo
New Jersey Semi-Conduct...
16F NJSEMI-16F Datasheet
219Kb / 4P
STANDARD RECOVERY DIODES
More results

Similar Description - 16F

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
150NS NAINA-150NS Datasheet
115Kb / 1P
SILICON POWER DIODE
85HF NAINA-85HF Datasheet
78Kb / 1P
SILICON POWER DIODE
25F NAINA-25F Datasheet
77Kb / 1P
SILICON POWER DIODE
logo
Shanghai Lunsure Electr...
MBR1620 CHENYI-MBR1620 Datasheet
79Kb / 2P
16Amp schottky barrier rectifier 20to60 volts
logo
Naina Semiconductor ltd...
150U NAINA-150U Datasheet
87Kb / 1P
SILICON POWER DIODE
logo
Powersem GmbH
PSM16 POWERSEM-PSM16 Datasheet
69Kb / 1P
Silicon Power Diode
logo
SeCoS Halbleitertechnol...
SPK1645 SECOS-SPK1645 Datasheet
310Kb / 2P
16Amp General Purpose Rectifiers
logo
Sirectifier Global Corp...
MUR1660CT SIRECT-MUR1660CT Datasheet
185Kb / 4P
Ultrafast Rectifier - 16Amp 600Volt
logo
Cystech Electonics Corp...
MUR1660FP CYSTEKEC-MUR1660FP Datasheet
180Kb / 4P
16Amp. Ultrafast Plastic Rectifiers
logo
Tyco Electronics
PCKWK MACOM-PCKWK Datasheet
43Kb / 2P
Latching, Slim 16Amp Miniature Power PC Board Relay
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com