Electronic Components Datasheet Search
  English  ▼

X  

12F Datasheet(PDF) 1 Page - Naina Semiconductor ltd.

Part # 12F
Description  12AMP SILICON POWER DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

12F Datasheet(HTML) 1 Page - Naina Semiconductor ltd.

  12F Datasheet HTML 1Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
• All Diffused Series
• Available in Normal & Reverse Polarity
• Industrial Grade
• Available In Avalanche Characteristic
* Available in metric and UNF thread
ELECTRICALSPECIFICATIONS
12F/FR
IF (A)
Maximum Average Forward
12A
Current Te=1500C
V
FM
Maximum peak forward
1.2V
voltage drop @ Rated I
F(AV)
I
FSMMaximum peak one cycle
250 A
(non-rep) surge current 10msec
I
FRMMaximum peak one cycle (non
60 A
-rep) surge current 10msec
I2t
Maximum I2t rating (non-rep.)
250A2Sec
for 5 to 10 m sec.
12F/12FR
12AMP SILICON POWER DIODE
THERMALMECHANICAL SPECIFICATIONS
θθθθθJC
Maximum thermal resistance Junction to case
2oC/W
TJ
Operating Junction Temp.
-65oC to 150oC
Tstg
Storage temperature
-65oC to 150oC
Mounting torque (non-lubricated threads)
0.14 M-Kg min, 0.17 M-kg max
W
Approx, weight
7 gms.
ELECTRICAL RATINGS
TYPE
12F/12FR
10
20
40
60
80
100
120
140
160
VRRM
Max. repetitive peak
100
200
400
600
800
1000
1200
1400 1600
voltage (v)
VR(RMS)
Max. R.M.S. reverse voltage (V)
70
140
280
420
560
700
840
980 1120
VR
Max. D.C. Blocking Voltage (V)
100
200
400
60
800
1000
1200
1400 1600
Recommended R.M.S. working
40
80
160
240
320
400
480
560
640
Voltage(v)
IR(AV)
Max. Average reverse leakage
100
100
100
100
100
100
100
100
100
current @ VRMM Tc 250C uA
NAINA SEMICONDUCTOR LTD.
D95,SECTOR 63 NOIDA(INDIA)
e-mail : sales@nainasemi.com, web site : www.nainasemi.com
NAINA
12F/ 12FR
DO-4
A
C
C
4
M6 x 1.0
11.5
11A/F
F
FR
19
10
A


Similar Part No. - 12F

ManufacturerPart #DatasheetDescription
logo
International Rectifier
12F IRF-12F Datasheet
336Kb / 8P
6,12 and 16 Amp Diffused Silicon Rectifier Diodes
logo
Vishay Siliconix
12F VISHAY-12F Datasheet
143Kb / 6P
Standard Recovery Diodes (Stud Version), 12 A
29-Sep-08
logo
New Jersey Semi-Conduct...
12F NJSEMI-12F Datasheet
217Kb / 4P
STANDARD RECOVERY DIODES
logo
TRANSYS Electronics Lim...
12F-10 TEL-12F-10 Datasheet
160Kb / 1P
STANDARD RECOVERY DIODE
12F-100 TEL-12F-100 Datasheet
160Kb / 1P
STANDARD RECOVERY DIODE
More results

Similar Description - 12F

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SHA395A SSDI-SHA395A Datasheet
197Kb / 2P
12AMP HYPER FAST CENTERTAP RECTIFIER
logo
Naina Semiconductor ltd...
12NS NAINA-12NS Datasheet
112Kb / 1P
12AMP SILICON POWER DIODE
150NS NAINA-150NS Datasheet
115Kb / 1P
SILICON POWER DIODE
85HF NAINA-85HF Datasheet
78Kb / 1P
SILICON POWER DIODE
25F NAINA-25F Datasheet
77Kb / 1P
SILICON POWER DIODE
150U NAINA-150U Datasheet
87Kb / 1P
SILICON POWER DIODE
logo
Powersem GmbH
PSM16 POWERSEM-PSM16 Datasheet
69Kb / 1P
Silicon Power Diode
PSM70 POWERSEM-PSM70 Datasheet
79Kb / 1P
Silicon Power Diode
logo
SeCoS Halbleitertechnol...
SPK1245 SECOS-SPK1245 Datasheet
306Kb / 2P
12Amp General Purpose Rectifiers
logo
Sirectifier Global Corp...
STVBSAD SIRECT-STVBSAD_12 Datasheet
183Kb / 3P
Power Schottky Rectifier - 12Amp 40Volt
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com