Electronic Components Datasheet Search
  English  ▼

X  

R2-F-2 Datasheet(PDF) 1 Page - Reed Relays and Electronics

Part # R2-F-2
Description  Low Profile SMD Reed Sensor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RRE [Reed Relays and Electronics]
Direct Link  http://www.reed-sensor.com
Logo RRE - Reed Relays and Electronics

R2-F-2 Datasheet(HTML) 1 Page - Reed Relays and Electronics

  R2-F-2 Datasheet HTML 1Page - Reed Relays and Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Reed Relays and Electronics India Limited
 info@reed-switch.com  Tel 91-44-6528-4022
R2-F Low Profile SMD Reed Sensor
Low profile SMD Package, Normally Open
Molded with internal blades parallel to SMD feet
All dimensions in mm
Does not require power for operation
Normally open (NO) form A contact
Omni-polar device; actuates with either pole of magnet
Molded with internal blades parallel to SMD feet
Packed in tape and reels conforming to IEC-60286-3 norms
Lead (Pb) free and RoHS compliant
Applications
This reed sensor is suitable for use in the following applications and many others: cellular phones and PDAs,
weather proof electronics, fluid tank cap sensing, hands free kits...
Specification
Contact Form
A
Contact Rating (max)
W / VA
10
Switching Current (max)
A
0.5
Carry Current (max)
A
1.5
Switching Voltage (max)
VDC
180
Breakdown Voltage (min)
VDC
200
Initial Contact Resistance (max)
m
150
Operating Temperature
°C
-40 to +140
Shock Resistance (½Sin wave for 11ms)
g
30
Vibration Resistance (10-2000Hz)
g
20
Ordering Code
R2-F-(Operate AT Code)-(Packing Code)
OAT Code
*Before
*After
Packing Code
1
10 – 15
13 – 23
L
Plastic Box (500)
2
15 – 20
20 – 30
G
Tape (2500)
3
20 – 25
27 – 37
*Indicate Operate AT band before and after modification of leads
Example
R2-F-1-G denotes 10-15 operate AT packed in taped spools.
Due to continual improvement, specifications are subject to change without notice
www.reed-sensor.com
1 February 2008


Similar Part No. - R2-F-2

ManufacturerPart #DatasheetDescription
logo
RAYEX ELECTRONICS CO., ...
R2-1A05 RAYEX-R2-1A05 Datasheet
1Mb / 2P
R2/R3 SERIES
R2-1B05 RAYEX-R2-1B05 Datasheet
1Mb / 2P
R2/R3 SERIES
R2-1C05 RAYEX-R2-1C05 Datasheet
1Mb / 2P
R2/R3 SERIES
R2-2A05 RAYEX-R2-2A05 Datasheet
1Mb / 2P
R2/R3 SERIES
logo
JST Mfg. Co., Ltd.
R2-3.5 JST-R2-3.5 Datasheet
682Kb / 8P
RING TONGUE (R type) Non-insulated
More results

Similar Description - R2-F-2

ManufacturerPart #DatasheetDescription
logo
Reed Relays and Electro...
R2E-F-1 RRE-R2E-F-1 Datasheet
89Kb / 1P
Latching Low Profile SMD Reed Sensor
R2E-S-1 RRE-R2E-S-1 Datasheet
99Kb / 2P
Latching SMD Reed Sensor
R2B-F RRE-R2B-F Datasheet
90Kb / 1P
NC Low Profile SMD Reed Sensor
R2B-S-0 RRE-R2B-S-0 Datasheet
100Kb / 2P
NC SMD Reed Sensor
R2-S-1 RRE-R2-S-1 Datasheet
93Kb / 2P
SMD Reed Sensor
R5-J-1 RRE-R5-J-1 Datasheet
100Kb / 2P
Ultra-Miniature SMD Reed Sensor
R5-S-1 RRE-R5-S-1 Datasheet
101Kb / 2P
Ultra-Miniature SMD Reed Sensor
logo
Meder Electronic
MK21M1A66B100W MEDER-MK21M1A66B100W Datasheet
130Kb / 1P
REED SENSOR
MK041A66B8000W MEDER-MK041A66B8000W Datasheet
126Kb / 1P
REED SENSOR
MK041A66C700W MEDER-MK041A66C700W Datasheet
207Kb / 1P
REED SENSOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com