Electronic Components Datasheet Search
  English  ▼

X  

FSUSB43 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FSUSB43
Description  Low-Power, Two-Port, High-Speed, USB2.0 (480Mbps) Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSUSB43 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FSUSB43 Datasheet HTML 1Page - Fairchild Semiconductor FSUSB43 Datasheet HTML 2Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
December 2008
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSUSB43 • Rev. 1.0.1
FSUSB43 — Low-Power, Two-Port, High-Speed,
USB2.0 (480Mbps) Switch
Features
Over-Voltage Tolerance (OVT) on all USB Ports
up to 5.25V without External Components
Low On Capacitance: 3.7pF Typical
Low On Resistance: 3.9Ω Typical
Low Power Consumption: 1μA Maximum
-
20μA Maximum ICCT over an Expanded Voltage
Range (VIN=1.8V, VCC=4.3V)
Wide -3db Bandwidth: > 720MHz
Packaged in 10-Lead MicroPak™ (1.6 x 2.1mm)
8kV ESD Rating, >16kV Power/GND ESD Rating
Power-Off Protection on All Ports when VCC=0V
-
D+/D- Pins Tolerate up to 5.25V
Applications
Cell phone, PDA, Digital Camera, and Notebook
LCD Monitor, TV, and Set-Top Box
IMPORTANT NOTE:
For additional performance information, please contact
analogswitch@fairchildsemi.com.
Description
The FSUSB43 is a bi-directional, low-power, two-port,
high-speed, USB2.0 switch. Configured as a double-
pole, double-throw (DPDT) switch, it is optimized for
switching between two high-speed (480Mbps) sources
or a high-speed and full-speed (12Mbps) source.
The FSUSB43 is compatible with the requirements of
USB2.0 and features an extremely low on capacitance
(CON) of 3.7pF. The wide bandwidth of this device
(720MHz) exceeds the bandwidth needed to pass the
third harmonic, resulting in signals with minimum edge
and phase distortion. Superior channel-to-channel
crosstalk also minimizes interference.
The FSUSB43 contains special circuitry on the switch
I/O pins for applications where the VCC supply is
powered-off (VCC=0), which allows the device to
withstand an over-voltage condition. This minimizes
current consumption even when the control voltage
applied to the SEL pin is lower than the supply voltage
(VCC). This feature is especially valuable to mobile
applications, such as cell phones, allowing for direct
interface with the general-purpose I/Os of the baseband
processor. Other applications include switching and
connector sharing in portable cell phones, PDAs, digital
cameras, printers, and notebook computers.
HSD1+
HSD2+
HSD1-
HSD2-
D-
D+
Control
Sel
/OE
Figure 1. Analog Symbol
Ordering Information
Part Number
Top Mark
Operating Temperature Range
Eco Status
Package
FSUSB43L10X
JH
-40 to +85°C
Green
10-Lead MicroPak™ 1.6 x
2.1mm, JEDEC MO-255B
MicroPak™ is a trademark of Fairchild Semiconductor Corporation.
For Fairchild’s definition of “green” Eco Status, please visit: http://www.fairchildsemi.com/company/green/rohs_green.html.


Similar Part No. - FSUSB43

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSUSB43 ONSEMI-FSUSB43 Datasheet
808Kb / 8P
Low-Power, Two-Port, High-Speed, USB2.0 Switch
September-2017, Rev. 2
FSUSB43L10X ONSEMI-FSUSB43L10X Datasheet
808Kb / 8P
Low-Power, Two-Port, High-Speed, USB2.0 Switch
September-2017, Rev. 2
More results

Similar Description - FSUSB43

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB40 FAIRCHILD-FSUSB40 Datasheet
140Kb / 2P
Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) Switch
FSUSB42 FAIRCHILD-FSUSB42 Datasheet
147Kb / 2P
Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) Switch
FSUSB104 FAIRCHILD-FSUSB104 Datasheet
397Kb / 2P
Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) Switch
FSUSB40 FAIRCHILD-FSUSB40_08 Datasheet
247Kb / 2P
Low-Power, Two-Port, Hi-Speed,USB2.0 (480Mbps) Switch
FSUSB42 FAIRCHILD-FSUSB42_08 Datasheet
250Kb / 2P
Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) Switch
FSUSB42 FAIRCHILD-FSUSB42_12 Datasheet
723Kb / 10P
Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) UART Switch
FSUSB42MUX FAIRCHILD-FSUSB42MUX Datasheet
1Mb / 10P
FSUSB42 ??Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) UART Switch
logo
ON Semiconductor
FSUSB43 ONSEMI-FSUSB43 Datasheet
808Kb / 8P
Low-Power, Two-Port, High-Speed, USB2.0 Switch
September-2017, Rev. 2
logo
AiT Semiconductor Inc.
A4730 AITSEMI-A4730 Datasheet
698Kb / 13P
DPDT ANALOG SWITCH LOW-POWER, TWO-PORT, HIGH-SPEED, USB2.0 (480Mbps)
REV1.0
A4732 AITSEMI-A4732 Datasheet
569Kb / 13P
DPDT ANALOG SWITCH LOW-POWER, TWO-PORT, HIGH-SPEED, USB2.0 (480Mbps)
REV2.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com