Electronic Components Datasheet Search
  English  ▼

X  

XRT86VL32 Datasheet(PDF) 3 Page - Exar Corporation

Part # XRT86VL32
Description  DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL32 Datasheet(HTML) 3 Page - Exar Corporation

  XRT86VL32 Datasheet HTML 1Page - Exar Corporation XRT86VL32 Datasheet HTML 2Page - Exar Corporation XRT86VL32 Datasheet HTML 3Page - Exar Corporation XRT86VL32 Datasheet HTML 4Page - Exar Corporation XRT86VL32 Datasheet HTML 5Page - Exar Corporation XRT86VL32 Datasheet HTML 6Page - Exar Corporation XRT86VL32 Datasheet HTML 7Page - Exar Corporation XRT86VL32 Datasheet HTML 8Page - Exar Corporation XRT86VL32 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 65 page
background image
XRT86VL32
3
REV. V1.2.1
DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
• Intel/Motorola and Power PC interfaces for configuration, control and status monitoring
• Parallel search algorithm for fast frame synchronization
• Wide choice of T1 framing structures: SF/D4, ESF, SLC®96, T1DM and N-Frame (non-signaling)
• Direct access to D and E channels for fast transmission of data link information
• PRBS, QRSS, and Network Loop Code generation and detection
• Programmable Interrupt output pin
• Supports programmed I/O and DMA modes of Read-Write access
• Each framer block encodes and decodes the T1/E1/J1 Frame serial data
• Detects and forces Red (SAI), Yellow (RAI) and Blue (AIS) Alarms
• Detects OOF, LOF, LOS errors and COFA conditions
• Loopbacks: Local (LLB) and Line remote (LB)
• Facilitates Inverse Multiplexing for ATM
• Performance monitor with one second polling
• Boundary scan (IEEE 1149.1) JTAG test port
• Accepts external 8kHz Sync reference
• 1.8V Inner Core
• 3.3V CMOS operation with 5V tolerant inputs
• 225-pin PBGA package with -40°C to +85°C operation
ORDERING INFORMATION
PART NUMBER
PACKAGE
OPERATING TEMPERATURE RANGE
XRT86VL32IB
225 Plastic Ball Grid Array
-40
°C to +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com