Electronic Components Datasheet Search
  English  ▼

X  

MAPDCC0010 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAPDCC0010
Description  Low Cost Two-Way GMIC SMT Power Divider, 2200 - 2500 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAPDCC0010 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAPDCC0010 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAPDCC0010 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAPDCC0010 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Low Cost Two-Way GMIC SMT Power Divider,
2200 - 2500 MHz
Rev. V2
MAPDCC0010
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Small Size and Low Profile
• Typical Insertion Loss: 1.0 dB
• Typical Amplitude Balance: 0.1 dB
• 1 Watt Power Handling
• Lead-Free SOT-25 Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of DS52-0007
Description
M/A-COM’s MAPDCC0010 is an IC-based mono-
lithic power divider using M/A-COM’s GMIC technol-
ogy in a low cost SOT-25 plastic package. This 2-
way power divider is ideally suited for applications
where small size, low insertion loss, superior phase/
amplitude tracking and low cost are required. Typi-
cal applications include handsets, base station
switching networks and other communication appli-
cations where size and PCB real estate are at a
premium. Available in Tape and Reel.
The MAPDCC0010 is fabricated using a passive-
integrated circuit process. The process features full-
chip passivation for increased performance and reli-
ability.
Ordering Information
Part Number
Package
MAPDCC0010
Bulk Packaging
MAPDCC0010-TR
1000 piece reel
MAPDCC0010-TB
Sample Test Board
Note: Reference Application Note M513 for reel size
information.
Pin Configuration
Pin No.
Function
1
RF1 (OUT)
2
GND
3
RF2 (OUT)
4
GND
5
RF IN
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Functional Block Diagram
4
5
3
2
1
RF IN
GND
RF1
(Out)
GND
RF2
(Out)


Similar Part No. - MAPDCC0010

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAPDCC0010 MACOM-MAPDCC0010 Datasheet
158Kb / 3P
Low Cost Two-Way GMIC SMT Power Divier, 2200-2500 MHz
logo
M/A-COM Technology Solu...
MAPDCC0010 MA-COM-MAPDCC0010 Datasheet
58Kb / 3P
Low Cost Two-Way GMIC SMT Power Divider
MAPDCC0010 MA-COM-MAPDCC0010 Datasheet
617Kb / 4P
Low Cost Two-Way GMIC SMT Power Divider
logo
Tyco Electronics
MAPDCC0010-TB MACOM-MAPDCC0010-TB Datasheet
158Kb / 3P
Low Cost Two-Way GMIC SMT Power Divier, 2200-2500 MHz
logo
M/A-COM Technology Solu...
MAPDCC0010-TB MA-COM-MAPDCC0010-TB Datasheet
617Kb / 4P
Low Cost Two-Way GMIC SMT Power Divider
More results

Similar Description - MAPDCC0010

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS52-0007 MACOM-DS52-0007 Datasheet
40Kb / 2P
Low Cost Two-Way GMIC SMT Power Divider 2200 - 2500 MHz
MAPDCC0010 MACOM-MAPDCC0010 Datasheet
158Kb / 3P
Low Cost Two-Way GMIC SMT Power Divier, 2200-2500 MHz
logo
M/A-COM Technology Solu...
DS52-0007 MA-COM-DS52-0007 Datasheet
71Kb / 4P
Low Cost Two-Way GMIC SMT Power Divider, 2200 - 2500 MHz
MAPD-007530-000100 MA-COM-MAPD-007530-000100 Datasheet
105Kb / 4P
Low Cost Two-Way GMIC SMT Power Divider 1700 - 2000 MHz
MAPD-007530-000100 MA-COM-MAPD-007530-000100 Datasheet
105Kb / 4P
Low Cost Two-Way GMIC SMT Power Divider
MAPDCC0010 MA-COM-MAPDCC0010 Datasheet
58Kb / 3P
Low Cost Two-Way GMIC SMT Power Divider
MAPDCC0011 MA-COM-MAPDCC0011 Datasheet
73Kb / 4P
Low Cost Two-Way GMIC SMT Power Divider
MAPD-007530-000100 MA-COM-MAPD-007530-000100_15 Datasheet
105Kb / 4P
Low Cost Two-Way GMIC SMT Power Divider
MAPD-007530 MA-COM-MAPD-007530 Datasheet
627Kb / 5P
Low Cost Two-Way GMIC SMT Power Divider
MAPDCC0010 MA-COM-MAPDCC0010_15 Datasheet
617Kb / 4P
Low Cost Two-Way GMIC SMT Power Divider
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com