Electronic Components Datasheet Search
  English  ▼

X  

MAPDCT0010 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAPDCT0010
Description  2 Way 0쨘 Reverse Path Power Divider 5 to 100 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAPDCT0010 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAPDCT0010 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAPDCT0010 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAPDCT0010 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
2 Way 0º Reverse Path Power Divider
5 to 100 MHz
M/A-COM Products
Released, Rev. V3
MAPDCT0010
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
•
Surface mount
•
2 Way 0 degree.
•
260°C reflow compatible
•
RoHS* compliant
•
Available on tape and reel.
Description
M/A Com’s MAPDCT0010 is a 2 way 0 degree reverse
path power divider in a low cost, surface mount
package. Ideally suited for high volume CATV & VSAT
applications. Two 0603 1pF capacitors and one 160Ω
resistor are required with this part.
Ordering information
Part number
Description
MAPDCT0010TR
Reel quantity 1000
Note: Reference Application Note M513 for reel size information.
Schematic with off-chip components
Pin no.
Function
1
Output 2
2
External 1pF Capacitor to ground
3
Ground
4
Input
6
Output 1
5
External 1pF Capacitor to ground
* Restrictions on Hazardous Substances, European Union
Directive 2002/95/EC.
Pin configuration
Case style: SM-150
Note: Pin’s 2 and 5 need to be connected together on the PCB
as shown above.
Pin 1 ID
Mark
Unless otherwise stated dimensions are in inches [mm]
Tolerance: .xx ± .02, .xxx ± .010


Similar Part No. - MAPDCT0010

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPDCT0010 MA-COM-MAPDCT0010 Datasheet
128Kb / 3P
2 Way 0쨘 Reverse Path Power Divider
MAPDCT0010 MA-COM-MAPDCT0010 Datasheet
128Kb / 3P
2 Way Reverse Path Power Divider
MAPDCT0010 MA-COM-MAPDCT0010_15 Datasheet
128Kb / 3P
2 Way Reverse Path Power Divider
More results

Similar Description - MAPDCT0010

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAPDCT0030 MACOM-MAPDCT0030 Datasheet
152Kb / 3P
2 Way 0쨘 Power Divider 5 to 1000 MHz
logo
M/A-COM Technology Solu...
MAPDCT0002 MA-COM-MAPDCT0002 Datasheet
137Kb / 3P
2 Way 0쨘 Power Divider 5 to 1000 MHz
MAPDCT0013 MA-COM-MAPDCT0013 Datasheet
129Kb / 3P
2 Way 0쨘 Power Divider 5 to 1000 MHz
MAPDCT0029 MA-COM-MAPDCT0029 Datasheet
223Kb / 3P
2 Way 0쨘 Power Divider 5-1000MHz
MAPDCT0030 MA-COM-MAPDCT0030 Datasheet
137Kb / 3P
2 Way 0쨘 Power Divider 5 to 1000 MHz
MAPDCT0033 MA-COM-MAPDCT0033 Datasheet
104Kb / 3P
2 Way 0쨘 Power Divider 5-1000MHz
MAPDCT0010 MA-COM-MAPDCT0010 Datasheet
128Kb / 3P
2 Way 0쨘 Reverse Path Power Divider
MAPDCT0013 MA-COM-MAPDCT0013 Datasheet
129Kb / 3P
2 Way 0쨘 Power Divider 5 to 1000 MHz
MAPDCT0029 MA-COM-MAPDCT0029 Datasheet
223Kb / 3P
2 Way 0쨘 Power Divider
MAPDCT0010 MA-COM-MAPDCT0010_15 Datasheet
128Kb / 3P
2 Way Reverse Path Power Divider
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com