Electronic Components Datasheet Search
  English  ▼

X  

M1G Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # M1G
Description  Double-Balanced Mixer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M1G Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  M1G Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M1G Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M1G Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Double-Balanced Mixer
Rev. V2
M1G
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• LO and RF: 1.0 to 4.2 GHz
• IF: DC to 1 GHZ
• LO Drive +7 dBm (nominal)
• High Isolation 40 dB (Typ.)
Guaranteed Specifications
1
Characteristics
Min
Typ.
Max.
Test Conditions
SSB Conversion Loss
And
SSB Noise Figure
6.5 dB
7.5 dB
8.5 dB
9.0 dB
fL & fR 1.5 to 4.2 GHz
fI 0.01 to 1 GHz
fL & fR 1.0 to 1.5 GHz
fI 10 to 500 MHz
Isolation
fL at R
fL at I
30 dB
20 dB
40 dB
30 dB
fL 1.0 to 4.2 GHz
Absolute Maximum Ratings
Weight 31 gram (1.1 oz) max.
Storage Temperature
-65
oC to +100oC
Operating Temperature
-54
oC to +100oC
Peak RF Input Power
+17 dBm
Peak Input Current at 25
oC
50 mA DC
Notes:
1. Measure in a 50-Ohm system with nominal LO drive and downconverter application only, unless otherwise specified. The I-Port fre-
quency range extends to DC for phase detection, pulse modulation, or attenuator applications, I-Port VSWR degrades from a 50-Ohm
system at low IF frequencies.


Similar Part No. - M1G

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
M1G MACOM-M1G Datasheet
376Kb / 3P
Double-Balanced Mixer
logo
SEMTECH ELECTRONICS LTD...
M1G SEMTECH_ELEC-M1G Datasheet
157Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
Shanghai Shunye Electro...
M1G SHUNYE-M1G Datasheet
16Mb / 2P
SURFACE MOUNT GLASS GENERAL RECTIFIER
logo
Yangzhou yangjie electr...
M1G YANGJIE-M1G Datasheet
200Kb / 2P
General Purpose Rectifier
logo
Microdiode Semiconducto...
M1G CHENDA-M1G Datasheet
556Kb / 3P
SURFACE MOUNT GENERAL RECTIFIER
More results

Similar Description - M1G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Tyco Electronics
M2B MACOM-M2B Datasheet
331Kb / 3P
Double-Balanced Mixer
M6D-50 MACOM-M6D-50_1 Datasheet
222Kb / 3P
Double-Balanced Mixer
M6R MACOM-M6R Datasheet
187Kb / 3P
Double-Balanced Mixer
M9BC MACOM-M9BC Datasheet
167Kb / 2P
Double-Balanced Mixer
M74 MACOM-M74 Datasheet
431Kb / 3P
Double-Balanced Mixer
M76 MACOM-M76 Datasheet
495Kb / 3P
Double-Balanced Mixer
logo
M/A-COM Technology Solu...
M2E MA-COM-M2E Datasheet
127Kb / 3P
Double-Balanced Mixer
M6D-50 MA-COM-M6D-50 Datasheet
658Kb / 3P
Double-Balanced Mixer
M8H-3 MA-COM-M8H-3 Datasheet
963Kb / 3P
Double-Balanced Mixer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com