Electronic Components Datasheet Search
  English  ▼

X  

M1J Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # M1J
Description  Double-Balanced Mixer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M1J Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  M1J Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M1J Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M1J Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Double-Balanced Mixer
Rev. V2
M1J
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• LO and RF: 300 to 2000 MHz
• IF: DC to 1000 MHZ
• LO Drive +7 dBm (nominal)
• High Isolation 50 dB (Typ.)
Guaranteed Specifications
1
Characteristics
Min
Typ.
Max.
Test Conditions
SSB Conversion Loss
And
SSB Noise Figure
6.0 dB
6.5 dB
8.0 dB
8.0 dB
9.5 dB
7.5 dB
8.0 dB
9.0 dB
9.0 dB
10.0 dB
fL & fR = 1000 to 1700 MHz
fI = 10 to 500 MHz
fI = 500 to 1000 MHz
fL & fR = 600 to 2000 MHz
fI = 10 to 1000 MHz
fL & fR = 300 to 2000 MHz
fI =10 to 450 MHz
fI = 450 to 1000 MHz
Isolation
L at R
L at I
L at R
L at I
40 dB
25 dB
30 dB
20 dB
45 dB
35 dB
40 dB
30 dB
fL 300 to 1000 MHz
fL 1000 to 2000 MHz
Conversion Compression
1.0 dB
fR level = 0 dBm
Desensitization
1.0 dB
fR2 level = -2 dBm
Absolute Maximum Ratings
Weight 31 gram (1.1 oz) max.
Storage Temperature
-65
oC to +100oC
Operating Temperature
-54
oC to +100oC
Peak RF Input Power
+26 dBm at +25
oC, derate
to +17 dB, at +100
oC
Peak Input Current at 25
oC
50 mA DC
Notes:
1. Measure in a 50-Ohm system with nominal LO drive and
downconverter application only, unless otherwise specified. The
I-Port frequency range extends to DC for phase detection, pulse
modulation, or attenuator applications, I-Port VSWR degrades
from a 50-Ohm system at low IF frequencies.


Similar Part No. - M1J

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
M1J MACOM-M1J Datasheet
415Kb / 3P
Double-Balanced Mixer
logo
Diode Semiconductor Kor...
M1J DSK-M1J Datasheet
235Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
Toshiba Semiconductor
M1J43 TOSHIBA-M1J43 Datasheet
187Kb / 5P
AC POWER CONTROL APPLICATIONS
10-Jul-2001
More results

Similar Description - M1J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Tyco Electronics
M2B MACOM-M2B Datasheet
331Kb / 3P
Double-Balanced Mixer
M6D-50 MACOM-M6D-50_1 Datasheet
222Kb / 3P
Double-Balanced Mixer
M6R MACOM-M6R Datasheet
187Kb / 3P
Double-Balanced Mixer
M9BC MACOM-M9BC Datasheet
167Kb / 2P
Double-Balanced Mixer
M74 MACOM-M74 Datasheet
431Kb / 3P
Double-Balanced Mixer
M76 MACOM-M76 Datasheet
495Kb / 3P
Double-Balanced Mixer
logo
M/A-COM Technology Solu...
M2E MA-COM-M2E Datasheet
127Kb / 3P
Double-Balanced Mixer
M1G MA-COM-M1G Datasheet
97Kb / 3P
Double-Balanced Mixer
M6D-50 MA-COM-M6D-50 Datasheet
658Kb / 3P
Double-Balanced Mixer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com