Electronic Components Datasheet Search
  English  ▼

X  

MA47047 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MA47047
Description  Multi Purpose Axial Leaded Glass PIN Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA47047 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MA47047 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA47047 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA47047 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA47047 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA47047 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA47047 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Multi Purpose Axial Leaded Glass PIN Diodes
RoHs Compliant
Rev. V6
Axial Leaded Glass PIN Diodes
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
♦ Glass Hermetically Sealed Packages
♦ Large Signal Switch Design
♦ Available in Low Capacitance
♦ Passivated Chip for Low Leakage Current
♦ Tape and Reel Packaging Available
♦ Fully RoHS Compliant
♦ MIL-STD 19500 Screening Available
Description
M/A-COM’s series of low and medium power glass
PIN diodes are specifically designed for use in
switches, duplexers, electrically tuned digital filters
AGC attenuators, TR switches and RF modulators.
They preform particularly well in distortion sensitive
environments from HF through S-Band. These
hermetically sealed axial leaded PIN diodes are
designed for use in the harshest commercial and
military applications where their inherent ruggedness
makes them an ideal choice. They may ordered
screened to meet MIL-STD 19500 requirements.
Absolute Maximum Ratings
TAMB = +25°C (Unless Otherwise Noted) 1
Parameter
Absolute Maximum
D.C. Reverse Voltage
(See Tables)
Operating Temperature
-55°C to +175°C
Storage Temperature
-55°C to +200°C
Installation Temperature
+280°C for 10 Seconds
Case Style 54
250mW without heatsink
@ +25°C
Case Style 139
500mW without heatsink
@ +25°C
Case Style 4 & 146
1000mW without heatsink
@ +25°C
Power Dissipation Listed Below Will De-Rate
Linearly to 0mW at 175˚C
Glass Package Styles
Design Recommendations
The axial leaded, glass, PIN diode series is available
in four glass package styles. The ODS 54 is the
most suitable to meet low power, low capacitance
requirements for high isolation in a series connected
switch at VHF frequencies. The ODS 4, 139 and 146
are most suited for moderate power applications
requiring low package inductance.
1.Operation of this device above any one of these
parameters may cause permanent damage.
Notes
ODS 4, 54 , 139, 146
M/A-COM’s
silicon
PIN
diode
chips
are
also
available in a wide variety of alternative package
styles besides glass. For case style options,
availability and electrical specifications, please
refer to the “Packaged PIN Diode Datasheet”
located on the M/A-COM website at :
www.macom.com/DataSheets/packagedpindiodes.pdf
PIN Chip
Glass Cylinder
Tin Plated Dumet Leads


Similar Part No. - MA47047

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MA47080-30 ASI-MA47080-30 Datasheet
11Kb / 1P
SILICON PIN SWITCHING DIODE
More results

Similar Description - MA47047

ManufacturerPart #DatasheetDescription
logo
Knox Semiconductor, Inc
KSV2101 KNOX-KSV2101 Datasheet
33Kb / 1P
GLASS - LEADED GENERAL PURPOSE ABRUPT VARACTOR DIODES
logo
M/A-COM Technology Solu...
MADS-002811-00540T MA-COM-MADS-002811-00540T Datasheet
64Kb / 2P
Multi Purpose Axial Leaded Glass Schottky Diodes
MADS-002811-00540T MA-COM-MADS-002811-00540T_15 Datasheet
64Kb / 2P
Multi Purpose Axial Leaded Glass Schottky Diodes
logo
Comchip Technology
1N5221B-G COMCHIP-1N5221B-G Datasheet
84Kb / 4P
Axial Leaded Glass Zener Diode
logo
SUNMATE electronic Co.,...
GS37-141N SUNMATE-GS37-141N Datasheet
882Kb / 2P
AXIAL LEADED GLASS TUBE
GSA-152M SUNMATE-GSA-152M Datasheet
859Kb / 2P
AXIAL LEADED GLASS TUBE
PG1010 SUNMATE-PG1010 Datasheet
297Kb / 2P
AXIAL LEADED RECTIFIER DIODES
GS41-141N SUNMATE-GS41-141N Datasheet
872Kb / 2P
AXIAL LEADED GLASS TUBE
GSE-141N SUNMATE-GSE-141N Datasheet
889Kb / 2P
AXIAL LEADED GLASS TUBE
GSS-141N SUNMATE-GSS-141N Datasheet
909Kb / 2P
AXIAL LEADED GLASS TUBE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com