Electronic Components Datasheet Search
  English  ▼

X  

MA4PH151 Datasheet(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

Part # MA4PH151
Description  Multi Purpose Axial Leaded Glass PIN Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4PH151 Datasheet(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

  MA4PH151 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4PH151 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4PH151 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4PH151 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4PH151 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4PH151 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
6
Multi Purpose Axial Leaded Glass PIN Diodes
RoHs Compliant
Rev. V6
Axial Leaded Glass PIN Diodes
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
M/A-COM’s axially leaded glass PIN diodes are designed to meet most environmental and electrical
requirements and may be ordered screened to MIL-STD-19500 as described in the table below.
TEST
METHOD
MIL-STD 750
DESCRIPTION/ CONDITIONS
Moisture Resistance
1021
85°C, 85% Relative Humidity
High Temperature Storage
1031
+175°C
HTRB
1038
80% of rated VR, 50°C
Temperature Cycling
1051
-65°C to +175°C, 20 Cycles
Shock
2016
500 g’s
Vibration
2056
15 g’s
Solderability
2026
IPC/JDEC J-STD-02
Constant Acceleration
2006
20,000 g’s
Fine Leak
1071
H
Gross Leak
1071
C or E
*Specifications subject to change without notice
Environmental Ratings
Ordering Information
M/A-COM’s glass PIN diodes are tape and reeled in 1000 piece quantities. The various base part numbers are only
available in the case styles as shown in the tables on page 2. To order, indicate the base part number followed by a
dash and the indicated package style. Also add a “T” at the end for tape and reel
For example
: The MA4P504-4T is the MA4P504 chip in case style 4, tape and reeled.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com