Electronic Components Datasheet Search
  English  ▼

X  

MA47266 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MA47266
Description  Multi Purpose Axial Leaded Glass PIN Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA47266 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MA47266 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA47266 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA47266 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA47266 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA47266 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA47266 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Multi Purpose Axial Leaded Glass PIN Diodes
RoHs Compliant
Rev. V6
Axial Leaded Glass PIN Diodes
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
*Specifications subject to change without notice
Part Number
Package
Style
Rev. Volt.
5
VR < 10 µA
VDC
Unless
otherwise noted
Max. Cap.
1MHz
CT @ -50V
pF
Unless
otherwise noted
Max. Series Res.
100MHz
RS @ 10mA
Ω
Nominal Characteristics
Carrier
Lifetime
4
μS
I Region
Length
Mils
MA47120
54
35
1.00
1
0.5
3.0
0.4
1N5719
54
100
0.35
1.5
2
1.0
2.0
MA4P203
54
100
0.25
3
1.5
0.1
0.8
MA47047
54
200
0.30
3.0
1.0
2.0
MA47600
54
200
0.30
6.0
2.0
4.0
MA4P404
54
250
0.30
.60 2
1.0
1.0
Part Number
Package
Style
Rev. Volt.5
VR < 10 µA
VDC
Max. Cap.
1MHz
CT @ -50V
pF
Max. Series Res.
100MHz
RS @ 10mA
Ω
Nominal Characteristics
Carrier
Lifetime4
μS
I Region
Length
Mils
MA4PH151
139
100
1.20
0.6
1.0
0.8
MA47110
139
200
0.55
6.0
2.0
4.0
MA47123
139
200
0.50
3.0
1.0
2.0
Part Number
Package
Style
Rev. Volt.5
VR < 10 µA
VDC
Max. Cap.
1MHz
CT @ -50V
pF
Max. Series Res.
100MHz
RS @ 50mA
Ω
Nominal Characteristics
Carrier
Lifetime4
μS
I Region
Length
Mils
MA47266
146
200
1.50
0.6
3.0
3.0
MA4PH301
146
200
1.10
1.0
5.0
5.0
Part Number
Package
Style
Rev. Volt.5
VR < 10 µA
VDC
Max. Cap.
1MHz
CT @ -100V
pF
Max. Series Res.
100MHz
RS @ 100mA
Ω
Nominal Characteristics
Carrier
I Region
Lifetime4
Length
μS
Mils
MA4P504
4
500
0.35
0.60
1.0
2.0
MA4P505
4
500
0.50
0.45
2.0
2.0
MA4P506
4
500
0.85
0.30
3.0
2.0
MA4P606
4
1000
0.70
0.70
4.0
4.0
Notes:
1. Tested at VR = 20V.
2. Tested at IF = 50mA.
3. Tested at VR = 10V.
4. Nominal carrier lifetime, TL, specified at IF = + 10mA , IREV = - 6mA.
5. Minimum specified reverse voltage, VR, is sourced and the resultant reverse leakage current, IR, is measured to be <10μA.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com