Electronic Components Datasheet Search
  English  ▼

X  

MS767 Datasheet(PDF) 1 Page - Intersema Sensoric SA

Part # MS767
Description  PRESSURE SENSOR DIE (0-7 BAR)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSEMA [Intersema Sensoric SA]
Direct Link  http://www.meas-spec.com/
Logo INTERSEMA - Intersema Sensoric SA

MS767 Datasheet(HTML) 1 Page - Intersema Sensoric SA

  MS767 Datasheet HTML 1Page - Intersema Sensoric SA MS767 Datasheet HTML 2Page - Intersema Sensoric SA MS767 Datasheet HTML 3Page - Intersema Sensoric SA MS767 Datasheet HTML 4Page - Intersema Sensoric SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DA767_008.doc
February 5th, 2008
1/4
00000767356
ECN 1043
MS767
PRESSURE SENSOR DIE (0-7 BAR)
•
0 to 700 kPa range (7 bar or 102 PSI)
•
Absolute pressure sensors
•
RoHS-compatible & Pb-free
1
DESCRIPTION
The sensor element of the MS767 consists of a silicon micro-machined membrane with a Pyrex glass mounted
under vacuum. Implanted resistors make use of the piezo-resistive effect. The MS767 is available as an
absolute sensor (MS767A) where a sealed vacuum cavity underneath the membrane is used as reference
pressure.
FEATURES
•
Uncompensated pressure sensor die
•
Linearity 0.15% (typical)
•
Output Span 392mV @ 5V
•
Die Size 1.72 x 1.58mm
•
Temperature Range -40°…+125°C
•
Low Cost, High reliability
APPLICATION
•
For absolute pressure sensor systems
•
Tire pressure measurements
•
Electronic scales
ELECTRICAL CONNECTIONS
Positive output for pressure applied topside
1 The European RoHS directive 2002/95/EC (Restriction of the use of certain Hazardous Substances in electrical and electronic equipment)
bans the use of lead, mercury, cadmium, hexavalent chromium and polybrominated biphenyls (PBB) or polybrominated diphenyl ethers
(PBDE).
Vs+ : Supply voltage of Wheatstone bridge
Epi : Connection of epitaxial layer (membrane)
Out- : Negative output
Out+ : Positive output
GND1 : Ground
GND2 : Ground
Vs+
GND2
GND1
Out+
EPI
Out-


Similar Part No. - MS767

ManufacturerPart #DatasheetDescription
logo
Intersema Sensoric SA
MS767 INTERSEMA-MS767 Datasheet
214Kb / 4P
PRESSURE SENSOR DIE (0-7 BAR)
MS767A-0.2 INTERSEMA-MS767A-0.2 Datasheet
214Kb / 4P
PRESSURE SENSOR DIE (0-7 BAR)
MS767A-0.5 INTERSEMA-MS767A-0.5 Datasheet
214Kb / 4P
PRESSURE SENSOR DIE (0-7 BAR)
More results

Similar Description - MS767

ManufacturerPart #DatasheetDescription
logo
Intersema Sensoric SA
MS767 INTERSEMA-MS767 Datasheet
214Kb / 4P
PRESSURE SENSOR DIE (0-7 BAR)
MS7812 INTERSEMA-MS7812 Datasheet
411Kb / 4P
PRESSURE SENSOR DIE (0-12 BAR)
MS7801 INTERSEMA-MS7801 Datasheet
465Kb / 4P
PRESSURE SENSOR DIE (0-1 BAR)
MS7207-A2 INTERSEMA-MS7207-A2 Datasheet
204Kb / 5P
PRESSURE SENSOR DIE (0-7 BAR) FOR HARSH ENVIRONMENT
MS7901 INTERSEMA-MS7901 Datasheet
257Kb / 5P
PRESSURE SENSOR DIE (0-1 BAR)
MS7902 INTERSEMA-MS7902 Datasheet
220Kb / 5P
PRESSURE SENSOR DIE (0-2 BAR)
MS7904 INTERSEMA-MS7904 Datasheet
220Kb / 5P
PRESSURE SENSOR DIE (0-4 BAR)
MS7907 INTERSEMA-MS7907 Datasheet
232Kb / 5P
PRESSURE SENSOR DIE (0-7 BAR)
MS7930 INTERSEMA-MS7930 Datasheet
220Kb / 5P
PRESSURE SENSOR DIE (0-30 BAR)
MS7970 INTERSEMA-MS7970 Datasheet
220Kb / 5P
PRESSURE SENSOR DIE (0-70 BAR)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com