Electronic Components Datasheet Search
  English  ▼

X  

FCPL-70 Datasheet(PDF) 3 Page - SYNERGY MICROWAVE CORPORATION

Part # FCPL-70
Description  SELECTABLE FREQUENCY SYNTHESIZER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

FCPL-70 Datasheet(HTML) 3 Page - SYNERGY MICROWAVE CORPORATION

  FCPL-70 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION FCPL-70 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION FCPL-70 Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SELECTABLE FREQUENCY SYNTHESIZER
OPTIMIZED LOOP PARAMETERS
SURFACE MOUNT MODEL: FCPL-70
65 - 72 MHz
CLOSE IN SPURIOUS SUPPRESSION
CLRWR
A
Att 30 dB
Ref 4 dBm
1 AP
300 kHz/
Center 69.99999199 MHz
Span 3 MHz
*
*
RBW 1 kHz
VBW 100 Hz
SWT 30 s
*
PRN
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1
Marker 1 [T1 ]
3.36 dBm
69.999991987 MHz
2
Delta 2 [T1 ]
-85.34 dB
1.000000000 MHz
3
Delta 3 [T1 ]
-84.67 dB
-1.000000000 MHz
Comment: THIS ISTSSSSSSS
Date:
30.NOV.2005 10:30:08



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com