Electronic Components Datasheet Search
  English  ▼

X  

FSW511-50 Datasheet(PDF) 5 Page - SYNERGY MICROWAVE CORPORATION

Part # FSW511-50
Description  INTELLIGENT INTERACTIVE SYNTHESIZER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

FSW511-50 Datasheet(HTML) 5 Page - SYNERGY MICROWAVE CORPORATION

  FSW511-50 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION FSW511-50 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION FSW511-50 Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION FSW511-50 Datasheet HTML 4Page - SYNERGY MICROWAVE CORPORATION FSW511-50 Datasheet HTML 5Page - SYNERGY MICROWAVE CORPORATION FSW511-50 Datasheet HTML 6Page - SYNERGY MICROWAVE CORPORATION FSW511-50 Datasheet HTML 7Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
INTELLIGENT INTERACTIVE SYNTHESIZER
SURFACE MOUNT MODEL: FSW511-50
50 - 115 MHz
wide bandwidth
This product is manufactured under one or more of the following patents: Approved: 5,160,810; 5,122,621; 5,390,349; 5,416,449; 5,650,754;
5,805,431; 6,525,623; 6,850,575; 7,088,189; 7,180,381; 7,196,591; 7,262,670; 7,265,642,7,292,113
Pending: 60/493075; 60/501371 & 60/501790; 60/527957 & 60/528670; 60/563481; 60/564173; 60/589090; 60/601823; 60/605791; EV31369834;
11/259766; 60/622485 & 60/710310; 10/937525/60/736901; 60/732787
Copyright © 2008 Synergy Microwave Corporation
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
REFERENCE SIDEBAND SUPPRESSION
A
Att 35 dB
1 AP
CLRWR
Ref 9 dBm
2.5 MHz/
Center 82.5 MHz
Span 25 MHz
*
*
*
RBW 1 kHz
VBW 100 Hz
SWT 250 s
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1
Marker 1 [T1 ]
8.18 dBm
82.500000000 MHz
2
Delta 2 [T1 ]
-84.38 dB
-9.615384615 MHz
3
Delta 3 [T1 ]
-85.88 dB
-480.769230769 kHz
4
Delta 4 [T1 ]
-86.08 dB
480.769230769 kHz
Date: 22.MAR.2006 13:19:11



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com