Electronic Components Datasheet Search
  English  ▼

X  

MS7930-S Datasheet(PDF) 1 Page - Intersema Sensoric SA

Part # MS7930-S
Description  PRESSURE SENSOR DIE (0-30 BAR)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSEMA [Intersema Sensoric SA]
Direct Link  http://www.meas-spec.com/
Logo INTERSEMA - Intersema Sensoric SA

MS7930-S Datasheet(HTML) 1 Page - Intersema Sensoric SA

  MS7930-S Datasheet HTML 1Page - Intersema Sensoric SA MS7930-S Datasheet HTML 2Page - Intersema Sensoric SA MS7930-S Datasheet HTML 3Page - Intersema Sensoric SA MS7930-S Datasheet HTML 4Page - Intersema Sensoric SA MS7930-S Datasheet HTML 5Page - Intersema Sensoric SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DA7930_000.doc
March 9, 2009
1/5
000079301500
ECN 1205
MS7930
PRESSURE SENSOR DIE (0-30 BAR)
• 0 to 3000 kPa range (30 bar or 435 PSI)
• Absolute/differential pressure sensors
• High linearity, small size
• RoHS-compatible & Pb-free
1
DESCRIPTION
The sensor element of the MS7930 consists of a silicon micro-machined membrane. Implanted resistors make
use of the piezo-resistive effect to sense the membrane deflection and transform it in an electrical signal. This
sensor, which has outstanding linearity and span values, is available in various configurations. The absolute
pressure sensor employs a sealed vacuum reference cavity underneath the membrane. The Pyrex glass wafer
used for this sealing has a thickness of 0.2 mm (MS7930-A_0.2) or 0.5 mm (MS7930-A_0.5). There are two
gauge versions available: one with a drilled Pyrex glass (MS7930-D) and the other without Pyrex glass
(MS7930-S).
FEATURES
•
Uncompensated pressure sensor die
•
Linearity 0.05% (typical)
•
Output span 150mV @ 5V
•
Very small die size 1.72 x 1.58 mm (MS7930-A)
•
Temperature range -40°…+125°C
•
Low cost, high reliability
APPLICATION
•
Absolute pressure sensor systems
•
Engine controls
•
Differential/gauge pressure sensor systems
•
Dive computers
ELECTRICAL CONNECTIONS
Positive output for pressure applied topside
1 The European RoHS directive 2002/95/EC (Restriction of the use of certain Hazardous Substances in electrical and electronic equipment)
bans the use of lead, mercury, cadmium, hexavalent chromium and polybrominated biphenyls (PBB) or polybrominated diphenyl ethers
(PBDE).
Vs+ : Supply voltage of Wheatstone bridge
Epi : Connection of epitaxial layer (membrane)
Out- : Negative output
Out+ : Positive output
GND1 : Ground
GND2 : Ground
Vs+
GND2
GND1
Out+
EPI
Out-


Similar Part No. - MS7930-S

ManufacturerPart #DatasheetDescription
logo
Intersema Sensoric SA
MS79005 INTERSEMA-MS79005 Datasheet
236Kb / 5P
PRESSURE SENSOR DIE (0-0.5 BAR)
MS79005-A_0.2 INTERSEMA-MS79005-A_0.2 Datasheet
236Kb / 5P
PRESSURE SENSOR DIE (0-0.5 BAR)
MS79005-A_0.5 INTERSEMA-MS79005-A_0.5 Datasheet
236Kb / 5P
PRESSURE SENSOR DIE (0-0.5 BAR)
MS79005-D INTERSEMA-MS79005-D Datasheet
236Kb / 5P
PRESSURE SENSOR DIE (0-0.5 BAR)
MS79005-S INTERSEMA-MS79005-S Datasheet
236Kb / 5P
PRESSURE SENSOR DIE (0-0.5 BAR)
More results

Similar Description - MS7930-S

ManufacturerPart #DatasheetDescription
logo
Intersema Sensoric SA
MS767 INTERSEMA-MS767 Datasheet
214Kb / 4P
PRESSURE SENSOR DIE (0-7 BAR)
MS761 INTERSEMA-MS761 Datasheet
244Kb / 4P
PRESSURE SENSOR DIE (0-1 BAR)
MS7912 INTERSEMA-MS7912 Datasheet
257Kb / 4P
PRESSURE SENSOR DIE (0-12 BAR)
MS7812 INTERSEMA-MS7812 Datasheet
411Kb / 4P
PRESSURE SENSOR DIE (0-12 BAR)
MS7801 INTERSEMA-MS7801 Datasheet
465Kb / 4P
PRESSURE SENSOR DIE (0-1 BAR)
MS767 INTERSEMA-MS767_08 Datasheet
223Kb / 4P
PRESSURE SENSOR DIE (0-7 BAR)
MS7901 INTERSEMA-MS7901 Datasheet
257Kb / 5P
PRESSURE SENSOR DIE (0-1 BAR)
MS7902 INTERSEMA-MS7902 Datasheet
220Kb / 5P
PRESSURE SENSOR DIE (0-2 BAR)
MS7904 INTERSEMA-MS7904 Datasheet
220Kb / 5P
PRESSURE SENSOR DIE (0-4 BAR)
MS7970 INTERSEMA-MS7970 Datasheet
220Kb / 5P
PRESSURE SENSOR DIE (0-70 BAR)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com