Electronic Components Datasheet Search
  English  ▼

X  

STD-2003 Datasheet(PDF) 2 Page - Volgen Kaga Electronics Inc.

Part # STD-2003
Description  ADAPTER - 36W / 48W/ 60W
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VOLGEN [Volgen Kaga Electronics Inc.]
Direct Link  http://www.volgen.com
Logo VOLGEN - Volgen Kaga Electronics Inc.

STD-2003 Datasheet(HTML) 2 Page - Volgen Kaga Electronics Inc.

  STD-2003 Datasheet HTML 1Page - Volgen Kaga Electronics Inc. STD-2003 Datasheet HTML 2Page - Volgen Kaga Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Operating Temperature: 0 ~ +40℃
ˇˇ
ˇˇ
ˇˇ
Storage:10 ~ 90%RH
ˇˇ
NO
MODEL NAME
Voltage(V)
Current(A)
Power(W)
1
STD-1203
12
3
36
2
STD-1204
12
4
48
3
STD-1205
12
5
60
4
STD-1504
15
4
60
5
STD-1638
16
3.8
60.8
6
STD-1834
18
3.4
61.2
7
STD-1932
19
3.2
60.8
8
STD-2003
20
3
60
9
STD-2227
22
2.7
59.4
10
STD-2425
24
2.5
60
11
STD-2425AF
24
2.5
60
ˇ
ˇ
ˇ
Storage Temperature : -20 ~ +60℃
MECHANICAL DRAWING
ENVIRONMENTAL
MODEL
Relative Humidly:operating 20 ~ 80%RH
ˇ
Kaga Electronics(USA) Inc.
www.volgen.com
information@volgen.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com