Electronic Components Datasheet Search
  English  ▼

X  

MAMXES0028 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAMXES0028
Description  E-Series Surface Mount Mixer 1 - 1000 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAMXES0028 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAMXES0028 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAMXES0028 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAMXES0028 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
S 1605 A
Specifications subject to change without notice.
V 1.0
E-Series Surface Mount Mixer
1 – 1000 MHz
Rev A
MAMXES0028
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product informa-
tion.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make changes to
the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions is
considering for development. Performance is based on target specifications, simulated results, and/or
prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has
under development. Performance is based on engineering tests. Specifications are typical. Mechanical
outline has been fixed. Engineering samples and/or test data may be available. Commitment to produce in
volume is not guaranteed.
1
Typical Performance over Operating Temperatures
Conversion Loss
-8.5
-8
-7.5
-7
-6.5
-6
-5.5
-5
1
10
100
250
500
750
1000
@ - 55°C
-70
-65
-60
-55
-50
-45
-40
-35
-30
1
250.75
500.5
750.25
1000
@ +100°C
@ -55°C
@ +25°C
L-I Isolation
-60
-55
-50
-45
-40
-35
-30
-25
-20
1
250.75
500.5
750.25
1000
@ +100°C
@ +25°C
@ -55°C
10
12
14
16
18
20
22
24
1
80
300
500
880
1000
@ -55°C
@ +25°
@ +100°C
@ + 25°C
@ + 100°C
L-R Isolation
IIP3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com