Electronic Components Datasheet Search
  English  ▼

X  

MABACT0012 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MABACT0012
Description  1:1 Flux Coupled Transformer 3 - 200 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABACT0012 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MABACT0012 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABACT0012 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1:1 Flux Coupled Transformer
3 - 200 MHz
Rev C
Features:
• Surface Mount
• 1:1 Impedence
• CT on Secondary
• Available on tape & reel
Description
M/A-COM’s MABACT0012 is a 1:1 RF flux
coupled transformer in a low cost, surface
mount package. Ideally suited for high volume
CATV/Broadband applications.
Electrical Specifications: 25°C, Impedance = 75 Ohms
Parameter
Frequency (MHz)
Units
Minimum
Typical
Maximum
Frequency Range
3 - 200
Insertion Loss
3 - 200
dB
-
0.8
1.5
Amplitude Unbalance
3-50
dB
-
-
0.1
Amplitude Unbalance
3-200
dB
-
-
0.5
Phase Unbalance
3-50
°
-
-
1
Phase Unbalance
50-200
°
-
-
5
Input Return Loss
3-200
dB
-
-
10
Input Return Loss
5-120
dB
-
-
15
1
Ordering Information
Part Number
Package
MABACT0012
Tape & Reel
SM-22B
4
5
3
2
1
Dimensions in inches [mm]
Tolerance: .xx ± .02, .xxx ± .010


Similar Part No. - MABACT0012

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABACT0012 MACOM-MABACT0012 Datasheet
176Kb / 2P
1:1 Flux Coupled Transformer 0.3 - 200 MHz
logo
M/A-COM Technology Solu...
MABACT0012 MA-COM-MABACT0012 Datasheet
113Kb / 2P
1:1 Flux Coupled Transformer
MABACT0012 MA-COM-MABACT0012_15 Datasheet
113Kb / 2P
1:1 Flux Coupled Transformer
More results

Similar Description - MABACT0012

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABACT0012 MACOM-MABACT0012 Datasheet
176Kb / 2P
1:1 Flux Coupled Transformer 0.3 - 200 MHz
MABACT0036 MACOM-MABACT0036 Datasheet
237Kb / 3P
1:1 Flux Coupled Transformer 0.3 - 200 MHz
MABACT0062 MACOM-MABACT0062 Datasheet
77Kb / 3P
1:1 Flux Coupled Transformer 3-200MHz
MABAES0060 MACOM-MABAES0060 Datasheet
68Kb / 3P
E-Series RF 1:1 Flux Coupled Transformer 0.3 - 200 MHz
ETC1-1T MACOM-ETC1-1T_1 Datasheet
63Kb / 2P
E-Series RF 1:1 Flux Coupled Transformer 3 - 200 MHz
logo
M/A-COM Technology Solu...
ETC1-1T MA-COM-ETC1-1T Datasheet
61Kb / 2P
E-Series RF 1:1 Flux Coupled Transformer 3 - 200 MHz
MABA-007532-CF18A0 MA-COM-MABA-007532-CF18A0 Datasheet
96Kb / 3P
Transformer, 1:1 Flux Coupled Transformer 5 to 200 MHz
MABA-009947-CF3160 MA-COM-MABA-009947-CF3160 Datasheet
121Kb / 4P
Transformer, 1:3 Flux Coupled Transformer
MABA-009947-CF3160 MA-COM-MABA-009947-CF3160 Datasheet
121Kb / 4P
Transformer, 1:3 Flux Coupled Transformer
MABA-009947-CF3160 MA-COM-MABA-009947-CF3160_15 Datasheet
121Kb / 4P
Transformer, 1:3 Flux Coupled Transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com