Electronic Components Datasheet Search
  English  ▼

X  

MABAES0022 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MABAES0022
Description  E-Series RF 9:1 Transmission line Step-up Transformer 5 - 220 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABAES0022 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MABAES0022 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABAES0022 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
S 1617 G
V1.
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product
information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
1
Absolute Maximum Ratings
Parameter
Absolute Maximum
RF Power
250 mW
DC Current
30 mA
Operating Temperature
-20°C to +85°C
Storage Temperature
-20°C to +85°C
Functional Configuration
Function
Config 1 Pin No.
Config 2 Pin No.
Input
6
4
Output 1
1
3
Output 2
3
1
Ground
4
6
Not Connected
2,5
2,5
Typical Performance @ +25°C
Insertion Loss 1 & 2 (Reference Level –15.45dB)
Amplitude Imbalance
Phase Imbalance
MABAES0022
Input Return Loss
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
0
20
40
60
80
100
120
140
160
180
200
220
Frequency (MHz)
-16.0
-15.0
-14.0
-13.0
-12.0
-11.0
-10.0
-9.0
-8.0
-7.0
-6.0
5.0
55.0
105.0
155.0
205.0
Frequency (MHz)
Options
Schematic For Config 1
When Pin 4 is
the I/P Pin 6 is
ground
And when Pin 6
is the I/P Pin 4 is
ground.
AMP 1
AMP 2
Note: Terminate unused output
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
0
20
40
60
80
100
120
140
160
180
200
220
Frequency (MHz)
PHASE 1
PHASE 2
-17.05
-16.85
-16.65
-16.45
-16.25
-16.05
-15.85
-15.65
-15.45
0
20
40
60
80
100
120
140
160
180
200
220
Frequency (MHz)
INS 1
INS 2
Schematic For Config 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com