Electronic Components Datasheet Search
  English  ▼

X  

MABAES0025 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MABAES0025
Description  E-Series RF 1.5:1 Transformer 5 - 350 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABAES0025 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MABAES0025 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABAES0025 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
S 1617 B
V1.0
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product
information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
1
Absolute Maximum Ratings
Parameter
Absolute Maximum
RF Power
250 mW
DC Current
200 mA
Operating Temperature
-40°C to +85°C
Storage Temperature
-40°C to +85°C
Functional Configuration
Function
Pin No.
Primary Dot
1
Primary CT
2
Primary
3
Secondary
4
Secondary Dot
5
Secondary CT
—
Case Ground
—
Not Connected
—
Typical Performance @ +25°C
Primary to Secondary Insertion Loss
-2.0
-1.6
-1.2
-0.8
-0.4
0.0
5
54
104
153
202
251
301
350
Frequency (MHz)
Options
Primary to Secondary Dot Insertion Loss
-2.0
-1.6
-1.2
-0.8
-0.4
0.0
5
54
104
153
202
251
301
350
Frequency (MHz)
Options
Amplitude Imbalance
-1.0
-0.6
-0.2
0.2
0.6
1.0
5
54
104
153
202
251
301
350
Frequency (MHz)
Options
Phase Imbalance
170.0
174.0
178.0
182.0
186.0
190.0
5
54
104
153
202
251
301
350
Frequency (MHz)
Options
MABAES0025



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com