Electronic Components Datasheet Search
  English  ▼

X  

MABAES0060 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MABAES0060
Description  E-Series RF 1:1 Flux Coupled Transformer 0.3 - 200 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABAES0060 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MABAES0060 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABAES0060 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
E-Series RF 1:1 Flux Coupled Transformer
0.3 – 200 MHz
M/A-COM Products
Advanced - Rev. V4
MABAES0060
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Phase Unbalance
Typical Performance Curves Over Bandwidth (300kHz - 200MHz)
Insertion Loss
-1.0
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0
50
100
150
200
Frequency (MHz)
175
177
179
181
183
185
0
50
100
150
200
Freq (MHz)
Outline Drawing — SM-22
Amplitude Unbalance
Input Return Loss
-0.25
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0
50
100
150
200
Freq (MHz)
-35
-30
-25
-20
-15
-10
0
50
100
150
200
Freq (MHz)
Absolute Maximum Ratings
1
,2
1. Operation of this device above any one of these parameters
may cause permanent damage.
2. The maximum DC current applies to the secondary center tap
in applications where the secondary is balanced.
Parameter
Absolute Maximum
RF Power
250 mW
DC Current
240 mA
2
Operating Temperature
-40°C to +85°C
Storage Temperature
-55°C to +125°C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com