Electronic Components Datasheet Search
  English  ▼

X  

HMC736LP4 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC736LP4
Description  MMIC VCO w/ HALF FREQUENCY OUTPUT 14.5 - 15.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC736LP4 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC736LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC736LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC736LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC736LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC736LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC736LP4 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
12
12 - 224
HMC736LP4 / 736LP4E
v00.1008
MMIC VCO w/ HALF FREQUENCY OUTPUT
14.5 - 15.0 GHz
Pin Descriptions
Pin Number
Function
Description
Interface Schematic
1 - 9, 11 - 14, 18,
19, 21, 23, 24
N/C
No Connection. These pins may be connected to RF/
DC ground. Performance will not be affected.
10
RFOUT/2
Half frequency output (AC coupled).
Requires external AC coupling capacitor.
16
RFOUT
RF output (AC coupled).
20
Vcc
Supply Voltage, +4.2V
22
VTUNE
Control voltage and modulation input. Modulation
bandwidth dependent on drive source impedance.
See “Determining the FM Bandwidth of a Wideband
Varactor Tuned VCO” application note.
15, 17,
Paddle
GND
Package bottom has an exposed metal paddle that
must be connected to RF/DC ground.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com