Electronic Components Datasheet Search
  English  ▼

X  

SMA4012 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # SMA4012
Description  Cascadable Amplifier 1000 to 4000 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SMA4012 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  SMA4012 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SMA4012 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Cascadable Amplifier
1000 to 4000 MHz
Rev. V3
A4012 / SMA4012
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: Z0 = 50Ω, VCC = +5 VDC
Parameter
Typical
Guaranteed
25ºC
0º to 50ºC
-54º to +85ºC*
Frequency
GHz
0.8-4.5
1.0-4.0
1.0-4.0
Small Signal Gain (min)
dB
18.0
17.5
17.0
Gain Flatness (max)
dB
±0.4
±0.6
±0.8
Reverse Isolation
dB
36
Noise Figure (max)
dB
3.5
4.0
4.5
Power Output
@ 1 dB comp. (min)
dBm
15.5
14.5
14.0
IP3
dBm
+26
IP2
dBm
+34
Second Order Harmonic IP
dBm
+49
VSWR Input / Output (max)
1.7:1 / 1.7:1
1.9:1 / 1.9:1
2.0:1 / 2.0:1
DC Current @ 5 Volts (max)
mA
65
73
78
Units
Features
• WIDE BANDWIDTH: 1.0 to 4.0 GHz (TYP.)
• HIGH GAIN: 18 dB (TYP.)
• MEDIUM OUTPUT POWER: +15.5 dBm (TYP.)
• LOW NOISE FIGURE: 3.5 dB (TYP.)
Description
The A4012 microwave amplifier is a discrete hybrid design,
which uses thin film manufacturing processes for accurate
performance and high reliability.
This two stage GaAs FET feedback amplifier design displays
impressive performance characteristics over a broadband
frequency range.
Both TO-8 and Surface Mount packages are hermetically
sealed, and MIL-STD-883 environmental screening is available
.
Product Image
Ordering Information
Part Number
Package
A4012
TO-8
SMA4012
Surface Mount
MAAM-008738-CA4012
SMA Connectorized **
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-62ºC to +125ºC
Case Temperature
+125ºC
DC Voltage
+6 V
Continuous Input Power
+13 dBm
Short Term Input power
(1 minute max.)
100 mW
Peak Power (3 µsec max.)
0.25 W
“S” Series Burn-In
Temperature (case)
+125ºC
Thermal Data: VCC = +5 VDC
Parameter
Rating
Thermal Resistance θjc
132ºC/W
Transistor Power Dissipation Pd
0.171 W
Junction Temperature Rise
Above Case Tjc
+24ºC
* Over temperature performance limits for part number CA4012, guaranteed from 0oC to +50oC only.
** The connectorized version is not RoHs compliant.


Similar Part No. - SMA4012

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMA4012 MACOM-SMA4012 Datasheet
97Kb / 1P
1.0 TO 4.0 GHz TO-8 CASCADABLE AMPLIFIER
logo
List of Unclassifed Man...
SMA4012 ETC1-SMA4012 Datasheet
96Kb / 1P
1.0 TO 4.0 GHz TO-8 CASCADABLE AMPLIFIER
logo
Tyco Electronics
SMA4012 MACOM-SMA4012 Datasheet
360Kb / 2P
Cascadable Amplifier 1000 to 4000 MHz
More results

Similar Description - SMA4012

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PA48 MACOM-PA48 Datasheet
411Kb / 2P
Cascadable Amplifier 1000 to 4000 MHz
RA46 MACOM-RA46 Datasheet
455Kb / 2P
Cascadable Amplifier 1000 to 4000 MHz
A45-1 MACOM-A45-1_1 Datasheet
383Kb / 2P
Cascadable Amplifier 1000 to 4000 MHz
A45 MACOM-A45_1 Datasheet
381Kb / 2P
Cascadable Amplifier 1000 to 4000 MHz
LA45 MACOM-LA45 Datasheet
407Kb / 3P
Cascadable Amplifier 1000 to 4000 MHz
logo
M/A-COM Technology Solu...
A45-1 MA-COM-A45-1 Datasheet
1Mb / 2P
Cascadable Amplifier 1000 to 4000 MHz
A45 MA-COM-A45 Datasheet
1Mb / 2P
Cascadable Amplifier 1000 to 4000 MHz
PA48 MA-COM-PA48 Datasheet
1Mb / 2P
Cascadable Amplifier 1000 to 4000 MHz
RA46 MA-COM-RA46 Datasheet
186Kb / 2P
Cascadable Amplifier 1000 to 4000 MHz
A45 MA-COM-A45_15 Datasheet
643Kb / 3P
Cascadable Amplifier 1000 to 4000 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com