Electronic Components Datasheet Search
  English  ▼

X  

AM-123 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # AM-123
Description  High Performance Amplifier, 10 dB Gain 5 - 500 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AM-123 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  AM-123 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AM-123 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AM-123 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
High Performance Amplifier,
10 dB Gain 5 - 500 MHz
Rev. V3
AM-123 / AMC-123
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications:
2,3 TA = -55°C to +85°C Case Temperature
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
@+25
oC
dB
9.4
10.0
10.6
Frequency Response
—
dB
—
—
±0.7
Gain Variation with
Temperature
—
dB
—
—
±1.0
1 dB Compression
Output Power
dBm
dBm
+16
+19
—
—
—
—
Noise Figure
—
dB
dB
—
—
—
—
7.5
5.5
Reverse Transmission
—
dB
—
-18
-15
VSWR
—
Ratio
Ratio
—
—
—
—
2.5:1
2:1
Output IP2
Two-Tone inputs up to +10 dBm
dBm
dBm
+33
+40
—
—
—
—
Output IP3
Two-Tone inputs up to +10 dBm
dBm
dBm
+22
+32
—
—
—
—
Vbias
—
VDC
+14.5
+15.0
+15.5
Ibias
Vbias = +15.0 VDC
mA
—
62
75
Power Dissipation
@ +15 V Bias
mW
—
930
—
Frequency
50 MHz
5 - 500 MHz
5 - 500 MHz
5 - 500 MHz
10 - 300 MHz
5 - 500 MHz
10 - 300 MHz
5 - 500 MHz
5 - 500 MHz
10 - 400 MHz
5 - 500 MHz
10 - 300 MHz
5 - 500 MHz
10 - 300 MHz
—
—
—
2. All specifications apply when operated at +15 VDC, with 50 ohms source and load impedance.
3. Heat Sinking: Operation at case temperature above 95°C is not recommended. Heat sinking adequate to dissipate 1 W must be provided
in use.
Frequency
(MHz)
S11
MAG/ANG
S21
MAG/ANG
S12
MAG/ANG
S22
MAG/ANG
5
0.21/-69.9
3.15/-158.8
0.11/171.3
0.15/92.8
10
0.11/-81.5
3.17/-172.2
0.11/175.0
0.06/116.1
20
0.08/-88.5
3.18/-178.4
0.12/171.7
0.04/139.8
50
0.06/-108.4
3.17/162.9
0.13/159.9
0.03/174.7
100
0.05/-122.8
3.14/142.8
0.13/141.4
0.04/-163.9
200
0.05/-141.8
3.11/104.8
0.13/102.1
0.04/-119.4
300
0.07/-155.4
3.09/66.9
0.12/64.9
0.14/-114.6
400
0.15/177.2
3.08/26.7
0.11/27.3
0.22/-153.2
500
0.20/151.3
3.05/-21.9
0.09/-20.9
0.25/83.4
S-Parameter Data



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com