Electronic Components Datasheet Search
  English  ▼

X  

AM-147 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # AM-147
Description  Cascadable Amplifier 10 to 500MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AM-147 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  AM-147 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AM-147 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Cascadable Amplifier
10 to 500MHz
Rev. V6
AM-147 / AMC-147
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: Z0 = 50Ω, VCC = +15 VDC
Parameter
Units
Typical
Guaranteed
25ºC
0º to 50ºC
-54º to +85ºC*
Frequency
MHz
3-500
5-500
5-500
Small Signal Gain (min)
dB
17.0
16.0
15.5
Gain Flatness (max)
dB
±0.4
±0.8
±1.0
Reverse Isolation
dB
20.0
16.0
Noise Figure (max)
dB
3.4
4.2
4.7
Power Output
@ 1 dB comp. (min)
dBm
20.0
19.0
18.5
IP3
dBm
+31
IP2
dBm
+40
Second Order Harmonic IP
dBm
+46
VSWR Input / Output (max)
1.7:1 / 1.7:1
1.9:1 / 1.9:1
2.0:1 / 2.0:1
DC Current @ 15 Volts (max)
mA
52
56
58
Features
• HIGH POWER OUTPUT: +21 dBm (TYP.)
• HIGH THIRD ORDER IP3: +33 dBm (TYP.)
• HIGH EFFICIENCY: 52 mA (TYP.) @ +15 Vdc
Description
M/A-COM’s AM-147 is a coupler feedback amplifier with high
intercept and compression points. The use of coupler feedback
minimizes noise figure and current in a high intercept amplifier.
This amplifier is packaged in a TO-8 package. Due to the inter-
nal power dissipation the thermal rise minimized. The ground
plane on the PC board should be configured to remove heat from
under the package. AM-147 is ideally suited for use where a high
intercept, high reliability amplifier is required.
Product Image
Ordering Information
Part Number
Package
AM-147-PIN
TO-8
AMC-147- SMA *
Connectorized
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-62ºC to +150ºC
Case Temperature
125ºC
DC Voltage
+17 V
Continuous Input Power
+13 dBm
Short Term Input power
(1 minute max.)
100 mW
Peak Power (3 µsec max.)
0.5 W
“S” Series Burn-In
Temperature (case)
125ºC
Thermal Data: VCC = +15 VDC
Parameter
Rating
Thermal Resistance θjc
143ºC/W
Transistor Power Dissipation Pd
0.47 W
Junction Temperature Rise
Above Case Tjc
68ºC
* Over temperature performance limits for part number AMC-147, guaranteed from 0oC to +50oC only.
* SMA Connectorized part is not RoHs compliant.


Similar Part No. - AM-147

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM-147 MACOM-AM-147 Datasheet
224Kb / 3P
High Performance Amplifier, 17 dB Gain, 5 - 500 MHz
AM-147 MACOM-AM-147 Datasheet
334Kb / 2P
Cascadable Amplifier 10 to 500 MHz
logo
M/A-COM Technology Solu...
AM-147 MA-COM-AM-147 Datasheet
630Kb / 3P
Cascadable Amplifier
AM-147-AMC-147 MA-COM-AM-147-AMC-147 Datasheet
140Kb / 2P
Cascadable Amplifier
AM-147-AMC-147 MA-COM-AM-147-AMC-147_15 Datasheet
140Kb / 2P
Cascadable Amplifier
More results

Similar Description - AM-147

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A12 MACOM-A12_1 Datasheet
371Kb / 2P
Cascadable Amplifier 10 to 1000 MHz
A19-1 MACOM-A19-1_1 Datasheet
364Kb / 2P
Cascadable Amplifier 10 to 1000 MHz
A26 MACOM-A26_1 Datasheet
367Kb / 2P
Cascadable Amplifier 10 to 1500 MHz
A33 MACOM-A33 Datasheet
365Kb / 2P
Cascadable Amplifier 10 to 2000 MHz
A35 MACOM-A35_1 Datasheet
379Kb / 2P
Cascadable Amplifier 10 to 2000 MHz
A38 MACOM-A38_1 Datasheet
381Kb / 2P
Cascadable Amplifier 10 to 2000 MHz
logo
M/A-COM Technology Solu...
AM-151 MA-COM-AM-151 Datasheet
83Kb / 2P
Cascadable Amplifier 10 to 500MHz
logo
RF Micro Devices
SBF4089Z RFMD-SBF4089Z Datasheet
643Kb / 8P
DC to 500MHz, CASCADABLE InGaP/GaAs HBT MMIC AMPLIFIER
SBF5089Z RFMD-SBF5089Z Datasheet
743Kb / 8P
DC to 500MHz, CASCADABLE InGaP/GaAs HBT MMIC AMPLIFIER
logo
M/A-COM Technology Solu...
AM-151 MA-COM-AM-151_15 Datasheet
481Kb / 3P
Cascadable Amplifier 10 to 500MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com