Electronic Components Datasheet Search
  English  ▼

X  

AM-160 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # AM-160
Description  Low Noise Amplifier, 28 dB Gain, 100 - 600 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AM-160 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  AM-160 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AM-160 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AM-160 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Low Noise Amplifier, 28 dB Gain,
100 - 600 MHz
Rev. V3
AM-160
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications:
2,3 TA = -55°C to +85°C Case Temperature
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
@+25
oC
dB
27.2
28.2
29.2
Frequency Response
—
dB
—
—
±1.25
Gain Variation with
Temperature
—
dB
—
—
±1.0
1 dB Compression
Output Power
dBm
+16
—
—
Noise Figure
—
dB
—
—
3.0
Reverse Transmission
—
dB
—
-38
-32
VSWR
—
Ratio
Ratio
—
—
—
—
2.5:1
2:1
Output IP2
Two-Tone inputs up to +5 dBm
dBm
+36
—
—
Output IP3
Two-Tone inputs up to +5 dBm
dBm
+27
—
—
Vbias
—
VDC
+14.5
+15.0
+15.5
Ibias
Vbias = +15.0 VDC
mA
—
70
75
Power Dissipation
@ +15 V Bias
mW
—
1050
—
Frequency
250 MHz
100 - 600 MHz
100 - 600 MHz
100 - 600 MHz
100 - 600 MHz
100 - 600 MHz
100 - 600 MHz
100 - 400 MHz
100 - 600 MHz
100 - 600 MHz
—
—
—
2. All specifications apply when operated at +15 VDC, with 50 ohms source and load impedance.
3. Heat Sinking: Operation at case temperature above 95°C is not recommended. Heat sinking adequate to dissipate 1.2 W must be pro-
vided in use.
Frequency
(MHz)
S11
MAG/ANG
S21
MAG/ANG
S12
MAG/ANG
S22
MAG/ANG
100
0.14/126.3
28.21/-5.6
0.01/-18.0
0.07/-73.4
150
0.12/56.7
28.30/-53.5
0.01/-68.5
0.08/-144.7
200
0.08/-15.5
27.45/-93.3
0.01/-108.2
0.09/150.5
250
0.17/-67.8
26.79/-126.3
0.01/-143.8
0.10/101.3
300
0.18/-87.7
25.37/-155.5
0.01/-178.1
0.12/64.4
350
0.18/-96.1
25.42/172.0
0.01/149.5
0.14/34.6
400
0.23/-115.4
24.92/141.7
0.02/120.6
0.11/4.7
500
0.27/175.5
25.67/78.7
0.02/59.1
0.10/-101.1
600
0.32/19.1
25.58/0.7
0.02/-14.6
0.24/143.7
S-Parameter Data



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com