Electronic Components Datasheet Search
  English  ▼

X  

AM-177 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # AM-177
Description  Cascadable Thin Film Amplifier, 10 dB Gain, 10 - 1000 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AM-177 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  AM-177 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AM-177 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Cascadable Thin Film Amplifier,
10 dB Gain, 10 - 1000 MHz
Rev. V4
AM-177
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• +22 dBm Typical High 1 dB Compression
• +38 dBm Typical High Third Order Intercept
• 1.2:1 Typical VSWR
Description
M/A-COM’s AM-177 is a feedback amplifier with high
intercept and compression points. This amplifier is
packaged in a TO-8 package. Due to the internal
power
dissipation
the
thermal
rise should
be
minimized. The ground plane on the PC board
should be configured to remove heat from under the
package. AM-177 is ideally suited for use where a
high intercept, high reliability amplifier is required.
TO-8-1
Electrical Specifications:
1,2 TA = -55°C to +85°C Case Temperature
1. All specifications apply when operated at +15 VDC, with 50 ohms source and load impedance.
2. Heat Sinking: Operation at case temperature above 95°C is not recommended. Heat sinking adequate to dissipate 1.75W must be
provided in use.
Parameter
Test Conditions
Frequency
Units
Min.
Typ.
Max.
Gain
@+25
oC
500 MHz
dB
9.5
10.0
10.5
Frequency Response
—
10 - 1000 MHz
dB
—
—
±0.5
Gain Variation with
Temperature
—
10 - 1000 MHz
dB
—
—
+0.8
1 dB Compression
Output Power
10 - 1000 MHz
dBm
+20
+22
—
Noise Figure
—
10 - 1000 MHz
dB
—
5.8
8.5
Reverse Transmission
—
10 - 1000 MHz
dB
—
-16
-14
VSWR
—
10 - 1000 MHz
Ratio
—
1.6:1
2.0:1
Output IP2
Two-Tone inputs up to 0 dBm
10 - 1000 MHz
dBm
+42
—
—
Output IP3
Two-Tone inputs up to 0 dBm
10 - 1000 MHz
dBm
+30
—
—
Vbias
—
—
VDC
+14.5
+15.0
+15.5
Ibias
Vbias = +15.0 VDC
—
mA
—
105
115
Power Dissipation
@ +15 V Bias
—
mW
—
1575
—


Similar Part No. - AM-177

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM-177 MACOM-AM-177 Datasheet
193Kb / 2P
Cascadable Thin Film Amplifier, 12 dB Gain, 10 - 1000 MHz
logo
M/A-COM Technology Solu...
AM-177 MA-COM-AM-177 Datasheet
59Kb / 2P
Cascadable Thin Film Amplifier
logo
Tyco Electronics
AM-177PIN MACOM-AM-177PIN Datasheet
193Kb / 2P
Cascadable Thin Film Amplifier, 12 dB Gain, 10 - 1000 MHz
AM-177PIN MACOM-AM-177PIN Datasheet
121Kb / 2P
Cascadable Thin Film Amplifier 12 dB Gain, 10 - 1000 MHz
AM-177 MACOM-AM-177_1 Datasheet
121Kb / 2P
Cascadable Thin Film Amplifier 12 dB Gain, 10 - 1000 MHz
More results

Similar Description - AM-177

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM-177 MACOM-AM-177 Datasheet
193Kb / 2P
Cascadable Thin Film Amplifier, 12 dB Gain, 10 - 1000 MHz
AM-AMC-180 MACOM-AM-AMC-180 Datasheet
223Kb / 3P
Cascadable Thin Film Amplifier, 10 dB Gain, 10 - 2000 MHz
AM-AMC-184 MACOM-AM-AMC-184 Datasheet
223Kb / 3P
Cascadable Thin Film Amplifier, 20 dB Gain, 10 - 2000 MHz
AM-177 MACOM-AM-177_1 Datasheet
121Kb / 2P
Cascadable Thin Film Amplifier 12 dB Gain, 10 - 1000 MHz
AM-180 MACOM-AM-180 Datasheet
278Kb / 3P
Cascadable Thin Film Amplifier 10 dB Gain, 10 - 2000 MHz
AM-183 MACOM-AM-183 Datasheet
154Kb / 3P
Cascadable Thin Film Amplifier 28.5 dB Gain, 10 - 1000 MHz
AM-184 MACOM-AM-184 Datasheet
155Kb / 3P
Cascadable Thin Film Amplifier 20 dB Gain, 10 - 2000 MHz
logo
M/A-COM Technology Solu...
AM-180 MA-COM-AM-180 Datasheet
89Kb / 3P
Cascadable Thin Film Amplifier, 10 dB Gain, 10 - 2000 MHz
AM-183 MA-COM-AM-183 Datasheet
82Kb / 3P
Cascadable Thin Film Amplifier, 28.5 dB Gain, 10 - 1000 MHz
AM-184 MA-COM-AM-184 Datasheet
82Kb / 3P
Cascadable Thin Film Amplifier, 20 dB Gain, 10 - 2000 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com