Electronic Components Datasheet Search
  English  ▼

X  

AM-180 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # AM-180
Description  Cascadable Thin Film Amplifier, 10 dB Gain, 10 - 2000 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AM-180 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  AM-180 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AM-180 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AM-180 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Cascadable Thin Film Amplifier,
10 dB Gain, 10 - 2000 MHz
Rev. V4
AM-180 / AMC-180
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications:
2,3 TA = -55°C to +85°C Case Temperature
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
@+25
oC
dB
8.7
9.7
10.7
Frequency Response
—
dB
—
—
±1.0
Gain Variation with
Temperature
—
dB
—
—
±1.0
1 dB Compression
Output Power
dBm
+13
—
—
Noise Figure
—
dB
—
—
7.0
Reverse Transmission
—
dB
—
-14
-12
VSWR
—
Ratio
—
—
2:1
Output IP2
Two-Tone inputs up to 0 dBm
dBm
+39
—
—
Output IP3
Two-Tone inputs up to 0 dBm
dBm
+25
—
—
Vbias
—
VDC
+14.5
+15.0
+15.5
Ibias
Vbias = +15.0 VDC
mA
—
45
50
Power Dissipation
@ +15 V Bias
mW
—
680
—
Frequency
1000 MHz
10 - 2000 MHz
10 - 2000 MHz
10 - 2000 MHz
10 - 2000 MHz
10 - 2000 MHz
10 - 2000 MHz
10 - 2000 MHz
10 - 2000 MHz
—
—
—
2. All specifications apply when operated at +15 VDC, with 50 ohms source and load impedance.
3. Heat Sinking: Operation at case temperature above 95°C is not recommended. Heat sinking adequate to dissipate 800 mW must be
provided in use.
Frequency
(MHz)
S11
MAG/ANG
S21
MAG/ANG
S12
MAG/ANG
S22
MAG/ANG
10
0.20/-156.1
2.97/-173.1
0.17/8.6
0.24/166.9
20
0.21/-169.7
2.98/-177.4
0.17/4.4
0.23/170.3
40
0.22/-174.2
3.01/179.0
0.18/1.7
0.22/171.1
100
0.23/174.3
3.02/171.6
0.18/-1.4
0.21/166.1
200
0.18/170.9
3.01/162.0
0.18/-4.5
0.20/154.5
500
0.13/149.3
3.05/134.3
0.19/-14.1
0.18/113.3
1000
0.07/-140.6
3.12/86.4
0.20/-35.9
0.17/5.5
1500
0.18/-133.3
3.05/32.4
0.18/-59.6
0.20/-93.3
2000
0.24/168.2
3.01/-23.7
0.17/-76.2
0.26/-147.3
S-Parameter Data



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com