Electronic Components Datasheet Search
  English  ▼

X  

AM-184 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # AM-184
Description  Cascadable Thin Film Amplifier, 20 dB Gain, 10 - 2000 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AM-184 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  AM-184 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AM-184 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AM-184 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Cascadable Thin Film Amplifier,
20 dB Gain, 10 - 2000 MHz
Rev. V4
AM-184 / AMC-184
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications:
2,3 TA = -55°C to +85°C Case Temperature
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
@+25
oC
dB
19.0
20.0
21.0
Frequency Response
—
dB
—
—
±1.5
Gain Variation with
Temperature
—
dB
—
—
±1.5
1 dB Compression
Output Power
dBm
+10
—
—
Noise Figure
—
dB
—
—
6.0
Reverse Transmission
—
dB
—
-30
-27
VSWR
—
Ratio
—
—
2.0:1
Output IP2
Two-Tone inputs up to 0 dBm
dBm
+30
—
—
Output IP3
Two-Tone inputs up to 0 dBm
dBm
+20
—
—
Vbias
—
VDC
+14.5
+15.0
+15.5
Ibias
Vbias = +15.0 VDC
mA
—
52
60
Power Dissipation
@ +15 V Bias
mW
—
780
—
Frequency
1000 MHz
10 - 2000 MHz
10 - 2000 MHz
10 - 2000 MHz
10 - 2000 MHz
10 - 2000 MHz
10 - 2000 MHz
10 - 2000 MHz
10 - 2000 MHz
—
—
—
2. All specifications apply when operated at +15 VDC, with 50 ohms source and load impedance.
3. Heat Sinking: Operation at case temperature above 95°C is not recommended. Heat sinking adequate to dissipate 1.0 W must be
provided in use.
Frequency
(MHz)
S11
MAG/ANG
S21
MAG/ANG
S12
MAG/ANG
S22
MAG/ANG
10
0.13/-171.5
10.33/6.2
0.03/4.5
0.10/80.7
20
0.12/-175.9
10.18/0.3
0.03/2.8
0.08/47.2
40
0.12/174.6
10.48/-4.6
0.03/1.4
0.08/7.2
100
0.12/165.0
10.51/-15.7
0.03/-1.8
0.06/-38.9
200
0.12/149.1
10.42/-32.4
0.03/-4.8
0.05/-76.4
500
0.12/105.1
10.13/-79.8
0.03/-12.1
0.10/-131.1
1000
0.12/9.8
9.60/-156.4
0.03/-27.2
0.12/173.5
1500
0.14/-99.8
9.53/126.5
0.02/-51.5
0.14/-89.3
2000
0.28/176.9
9.63/53.4
0.01/-75.0
0.30/-142.7
S-Parameter Data



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com