Electronic Components Datasheet Search
  English  ▼

X  

AM-191 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # AM-191
Description  Low Noise Amplifier 100 - 600 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AM-191 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  AM-191 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AM-191 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AM-191 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Low Noise Amplifier
100 - 600 MHz
Rev. V3
AM-191
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• 2.5 dB Typical Midband Noise Figure
• +23 dBm Typical 1 dB Compression Point
• +32 dBm Typical Third Order Intercept
Description
M/A-COM’s AM-191 is a coupler feedback amplifier
with high intercept and compression points. The use
of coupler feedback minimizes noise figure and
current in a high intercept amplifier. This amplifier is
packaged in a flatpack. Due to the internal power
dissipation the thermal rise minimized. The ground
plane on the PC board should be configured to
remove heat from under the package. AM-191 is
ideally suited for use where a low noise, high reliabil-
ity amplifier is required.
FP-3
Electrical Specifications:
1,2 TA = -55°C to +85°C Case Temperature
1. All specifications apply when operated at +15 VDC, with 50 ohms source and load impedance.
2. Heat Sinking: Operation at case temperature above 95°C is not recommended. Heat sinking adequate to dissipate 1.25W must be
provided in use.
Parameter
Test Conditions
Frequency
Units
Min.
Typ.
Max.
Gain
@+25
oC
250 MHz
dB
23.0
23.5
24.0
Frequency Response
—
100 - 600 MHz
dB
—
—
±1.0
Gain Variation with
Temperature
—
100 - 600 MHz
dB
—
—
+1.0
1 dB Compression
Output Power
100 - 600 MHz
dBm
+20
—
—
Noise Figure
—
100 - 600 MHz
dB
—
—
4.5
Reverse Transmission
—
100 - 600 MHz
dB
—
-30
-28
VSWR
—
100 - 600 MHz
200 - 500 MHz
Ratio
Ratio
—
—
—
—
2.5:1
2.0:1
Output IP2
Two-Tone inputs up to +10 dBm
100 - 600 MHz
dBm
+38
—
—
Output IP3
Two-Tone inputs up to +10 dBm
100 - 600 MHz
dBm
+28
—
—
Vbias
—
—
VDC
+14.5
+15.0
+15.5
Ibias
Vbias = +15.0 VDC
—
mA
—
77
95
Power Dissipation
@ +15 V Bias
—
mW
—
1155
—


Similar Part No. - AM-191

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM-191 MACOM-AM-191 Datasheet
214Kb / 3P
Low Noise Amplifier, 100 - 600 MHz
logo
M/A-COM Technology Solu...
AM-191-PIN MA-COM-AM-191-PIN Datasheet
68Kb / 3P
Low Noise Amplifier
AM-191-PIN MA-COM-AM-191-PIN_15 Datasheet
68Kb / 3P
Low Noise Amplifier
logo
Tyco Electronics
AM-191PIN MACOM-AM-191PIN Datasheet
214Kb / 3P
Low Noise Amplifier, 100 - 600 MHz
More results

Similar Description - AM-191

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM-160 MACOM-AM-160 Datasheet
219Kb / 3P
Low Noise Amplifier, 28 dB Gain, 100 - 600 MHz
AM-191 MACOM-AM-191 Datasheet
214Kb / 3P
Low Noise Amplifier, 100 - 600 MHz
AMC-AMS-162 MACOM-AMC-AMS-162 Datasheet
239Kb / 3P
Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
logo
SIRENZA MICRODEVICES
SGL-0163 SIRENZA-SGL-0163 Datasheet
200Kb / 7P
100 - 1300 MHz Silicon Germanium Cascadable Low Noise Amplifier
logo
Tyco Electronics
AM-160 MACOM-AM-160_1 Datasheet
214Kb / 3P
Low Noise Amplifier, 28 dB Gain, 100 - 600 MHz
AM-162 MACOM-AM-162 Datasheet
292Kb / 3P
Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
logo
SIRENZA MICRODEVICES
SGL-0622Z SIRENZA-SGL-0622Z Datasheet
116Kb / 5P
100 - 4000 MHz Low Noise Amplifier Silicon Germanium
logo
M/A-COM Technology Solu...
AM-160 MA-COM-AM-160 Datasheet
67Kb / 3P
Low Noise Amplifier, 28 dB Gain, 100 - 600 MHz
logo
Skyworks Solutions Inc.
SKY67012_396LF SKYWORKS-SKY67012_396LF Datasheet
2Mb / 15P
300 to 600 MHz Low-Noise, Low-Current Amplifier
SKY67012-396LF SKYWORKS-SKY67012-396LF Datasheet
2Mb / 15P
300 to 600 MHz Low-Noise, Low-Current Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com