Electronic Components Datasheet Search
  English  ▼

X  

LF2802A Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # LF2802A
Description  RF Power MOSFET Transistor 2W, 500-1000MHz, 28V
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

LF2802A Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  LF2802A Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. LF2802A Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. LF2802A Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
RF Power MOSFET Transistor
2W, 500-1000MHz, 28V
M/A-COM Products
Released; RoHS Compliant
LF2802A
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Package Outline
Features
• N-Channel enhancement mode device
• DMOS structure
• Lower capacitances for broadband operation
• Common source configuration
• Lower noise floor
• Applications
Broadband linear operation
500 MHz to 1400 MHz
ABSOLUTE MAXIMUM RATINGS AT 25° C
Parameter
Rating
Drain-Source Voltage
65
Gate-Source Voltage
20
Drain-Source Current
0.7
Power Dissipation
8
Junction Temperature
200
Storage Temperature
-55 to +150
Thermal Resistance
21.8
Symbol
VDS
VGS
IDS
PD
TJ
TSTG
θJC
Units
V
V
A
W
°C
°C
°C/W
ELECTRICAL CHARACTERISTICS AT 25°C
Parameter
Symbol
Min
Max
Units
Test Conditions
Drain-Source Breakdown Voltage
BVDSS
65
-
V
VGS = 0.0 V , IDS = 1.0 mA
Drain-Source Leakage Current
IDSS
-
0.5
mA
VGS = 28.0 V , VGS = 0.0 V
Gate-Source Leakage Current
IGSS
-
0.5
µA
VGS = 20.0 V , VDS = 0.0 V
Gate Threshold Voltage
VGS(TH)
2.0
6.0
V
VDS = 10.0 V , IDS = 5.0 mA
Forward Transconductance
GM
40
-
mS
VDS = 28.0 V , IDS = 50.0 mA , Δ VGS = 1.0V, 80 μs Pulse
Input Capacitance
CISS
-
3.5
pF
VDS = 28.0 V , F = 1.0 MHz
Output Capacitance
COSS
-
3.75
pF
VDS = 28.0 V , F = 1.0 MHz
Reverse Capacitance
CRSS
-
1.2
pF
VDS = 28.0 V , F = 1.0 MHz
Power Gain
GP
10
-
dB
VDD = 28.0 V, IDQ = 25 mA, POUT = 2.0 W F =1.0 GHz
Drain Efficiency
ŋD
40
-
%
VDD = 28.0 V, IDQ = 25 mA, POUT = 2.0 W F =1.0 GHz
Load Mismatch Tolerance
VSWR-T
-
20:1
-
VDD = 28.0 V, IDQ = 25 mA, POUT = 2.0 W F =1.0 GHz
LETTER
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
20.70
20.96
.815
.825
B
14.35
14.61
.565
.575
C
13.72
14.22
.540
.560
D
6.27
6.53
.247
.257
E
6.22
6.48
.245
.255
F
6.22
6.48
.245
.255
G
1.14
1.40
.045
.055
H
2.92
3.18
.115
.125
J
1.40
1.65
.055
.065
K
1.96
2.46
.077
.097
L
3.61
4.37
.142
.172
M
.08
.15
.003
.006
F (MHz)
ZIN (Ω)
ZLOAD (Ω)
500
10.0 - j41.5
40.0 +j53.0
1000
4.2 - j12.0
11.85 + j33.0
1400
3.5 - j1.0
7.5 + j23.3
VDD = 28V, IDQ = 25mA, POUT = 2.0 W
TYPICAL DEVICE IMPEDANCE
ZIN is the series equivalent input impedance of the device
from gate to source.
ZLOAD is the optimum series equivalent load impedance as
measured from drain to ground.


Similar Part No. - LF2802A

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LF2802A MACOM-LF2802A Datasheet
212Kb / 3P
RF MOSFETPower Transistor,2W,28V 500-1000MHz
logo
M/A-COM Technology Solu...
LF2802A MA-COM-LF2802A Datasheet
140Kb / 3P
RF Power MOSFET Transistor
LF2802A MA-COM-LF2802A_17 Datasheet
612Kb / 4P
RF Power MOSFET Transistor
More results

Similar Description - LF2802A

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LF2802A MACOM-LF2802A Datasheet
212Kb / 3P
RF MOSFETPower Transistor,2W,28V 500-1000MHz
LF2805A MACOM-LF2805A Datasheet
199Kb / 3P
RF MOSFET Power Transistor, 5W, 28V 500 - 1000 MHz
UF28100H MACOM-UF28100H Datasheet
192Kb / 3P
RF MOSFET Power Transistor, 100W, 28V 100 - 500 MHz
logo
M/A-COM Technology Solu...
UF2805B MA-COM-UF2805B Datasheet
210Kb / 3P
RF Power MOSFET Transistor 5W, 100-500 MHz, 28V
UF2820P MA-COM-UF2820P Datasheet
205Kb / 3P
RF Power MOSFET Transistor 20W, 100-500 MHz, 28V
UF2820R MA-COM-UF2820R Datasheet
221Kb / 3P
RF Power MOSFET Transistor 20W, 100-500 MHz, 28V
UF28100H MA-COM-UF28100H Datasheet
235Kb / 3P
RF Power MOSFET Transistor 100W, 100-500 MHz, 28V
UF28100V MA-COM-UF28100V Datasheet
224Kb / 3P
RF Power MOSFET Transistor 100W, 100-500 MHz, 28V
LF2805A MA-COM-LF2805A Datasheet
143Kb / 3P
RF Power MOSFET Transistor 5W, 500-1000MHz, 28V
LF2810A MA-COM-LF2810A Datasheet
142Kb / 3P
RF Power MOSFET Transistor 10W, 500-1000MHz, 28V
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com