Electronic Components Datasheet Search
  English  ▼

X  

LG30 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # LG30
Description  TO-8 Thin-Film Linearizer For The G30
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

LG30 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  LG30 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. LG30 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. LG30 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TO-8 Thin-Film Linearizer For The G30
Rev. V2
LG30 / SMLG30
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Absolute Maximum Ratings
Parameter
Absolute Maximum
Storage Temperature
-62ºC to +125ºC
Maximum Case Temperature
125ºC
Maximum DC Voltage
+17 Volts
“S” Series Burn-in
Temperature (Case)
125ºC
Outline Drawing: TO-8
Outline Drawing: Surface Mount
In the G30 module is a voltage controlled voltage
source. The LG30 is designed to drive the G30,
a voltage controlled attenuator module. The
combination of the LG30 and the G30 modules
has a typical attenuation characteristic which is
linear with control voltage provided the following
conditions are met:
1. Positive supply = 15V ± 1%
2. Negative supply = -15V ± 1%
3. Source resistance of variable supply ≤1 Ω
The LG30 has a response time of 2 µs over its
entire band of control voltage. The response
time of the G30 is typically 0.2 µs.
Outline Drawing: SMA Connectorized



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com