Electronic Components Datasheet Search
  English  ▼

X  

M1K Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # M1K
Description  Double-Balanced Mixer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M1K Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  M1K Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M1K Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Double-Balanced Mixer
Rev. V2
M1K
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• LO and RF: 1.0 to 4.0 GHz
• IF: DC to 1000 MHZ
• LO Drive +20 dBm (nominal)
• High Intercept Point: +28 dBm (Typ.)
Guaranteed Specifications
1
Characteristics
Min
Typ.
Max.
Test Conditions
SSB Conversion Loss
And
SSB Noise Figure
9.0 dB
11.0 dB
fL 1.2 to 4.0 GHz
fR 1.2 to 3.5 GHz
fI 10 to 500 MHz
fL & fR 1.0 to 4.0 GHz
fI 10 to 1000 MHz
Isolation
fL at R
fL at I
20 dB
10 dB
15 dB
31 dB
19 dB
25 dB
fL 1.0 to 4.0 GHz
fL 1.0 to 2.0 GHz
fL 2.0 to 4.0 GHz
Conversion Compression
1.0 dB
fL = +20 dBm
fR = +13 dBm
Absolute Maximum Ratings
Weight 33 gram (1.164 oz) max.
Storage Temperature
-65
oC to +100oC
Operating Temperature
Without Specification Degradation
With dB Noise Figure Degradation
-54
oC to +85oC
-54
oC to +100oC
Peak RF Input Power
+26 dBm, at +25
oC
Notes:
1. Measure in a 50-Ohm system with nominal LO drive and
downconverter application only, unless otherwise specified. The
I-Port frequency range extends to DC for phase detection, pulse
modulation, or attenuator applications, I-Port VSWR degrades
from a 50-Ohm system at low IF frequencies.


Similar Part No. - M1K

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
M1K MACOM-M1K Datasheet
271Kb / 2P
Double-Balanced Mixer
logo
List of Unclassifed Man...
M1K1 ETC1-M1K1 Datasheet
179Kb / 2P
MEDIUM CURRENT SILICON RECTIFIERS
M1K5 ETC1-M1K5 Datasheet
179Kb / 2P
MEDIUM CURRENT SILICON RECTIFIERS
M1K9 ETC1-M1K9 Datasheet
179Kb / 2P
MEDIUM CURRENT SILICON RECTIFIERS
logo
Murata Manufacturing Co...
M1KMM4829-HSC01 MURATA-M1KMM4829-HSC01 Datasheet
1,015Kb / 39P
DESIGN ENGINEERING KITS
More results

Similar Description - M1K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Tyco Electronics
M2B MACOM-M2B Datasheet
331Kb / 3P
Double-Balanced Mixer
M6D-50 MACOM-M6D-50_1 Datasheet
222Kb / 3P
Double-Balanced Mixer
M6R MACOM-M6R Datasheet
187Kb / 3P
Double-Balanced Mixer
M9BC MACOM-M9BC Datasheet
167Kb / 2P
Double-Balanced Mixer
M74 MACOM-M74 Datasheet
431Kb / 3P
Double-Balanced Mixer
M76 MACOM-M76 Datasheet
495Kb / 3P
Double-Balanced Mixer
logo
M/A-COM Technology Solu...
M2E MA-COM-M2E Datasheet
127Kb / 3P
Double-Balanced Mixer
M1G MA-COM-M1G Datasheet
97Kb / 3P
Double-Balanced Mixer
M6D-50 MA-COM-M6D-50 Datasheet
658Kb / 3P
Double-Balanced Mixer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com