Electronic Components Datasheet Search
  English  ▼

X  

M2A Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # M2A
Description  Double-Balanced Mixer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M2A Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  M2A Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M2A Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M2A Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Double-Balanced Mixer
Rev. V3
M2A / M2AC
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• LO 10 to 1500 MHz
• RF 10 to 1500 MHz
• IF DC to 800 MHz
• LO Drive +7 dBm (nominal)
• High Isolation 35 dB (typ)
Description
The M2A is a double balanced mixer, designed for use in military,
commercial, and test equipment applications. The design utilizes
Schottky ring quad diodes and broadband ferrite baluns to attain
excellent performance. This mixer can also be used as a phase
detector and/or bi-phase modulator since the IF port is DC cou-
pled to the diodes. Environmental screening is available to MIL-
STD-883, MIL-STD-202, or MIL-DTL-28837, consult factory.
Ordering Information
Part Number
Package
M2A
TO-8
M2AC
SMA Connectorized
Electrical Specifications: Z0 = 50Ω Lo = +7 dBm (Downconverter application only)
Parameter
Test Conditions
Units
Typical
Guaranteed
+25ºC
-54º to +85ºC *
SSB Conversion Loss
(max)
fR = 0.02 to 0.6 GHz, fL = 0.01 to 0.8 GHz, fI = 0.001 to 0.2 GHz
fR = 0.01 to 1.5 GHz, fL = 0.01 to 1.5 GHz , fI = 0.001 to 0.2 GHz
fI = 0.001 to 0.8 GHz
dB
7.0
7.5
8.0
7.5
8.5
9.0
8.0
9.0
9.5
SSB Noise Figure (max)
Within 1 db of conversion loss
dB
____
____
____
Isolation, L to R (min)
fL = 0.01 to 0.5 GHz
fL = 0.5 to 1.2 GHz
fL = 1.2 to 1.5 GHz
dB
45
40
35
35
28
25
Isolation, L to I (min)
fL = 0.01 to 0.5 GHz
fL = 0.5 to 1.2 GHz
fL = 1.2 to 1.5 GHz
dB
40
30
25
30
20
18
1 dB Conversion Comp.
fL = +7 dBm
dBm
0
Input IP3
dBm
+12
Product Image
* The M2AC specification limits apply at 0ºC to +50ºC.


Similar Part No. - M2A

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
M2A MACOM-M2A Datasheet
328Kb / 3P
Double-Balanced Mixer
logo
DFI Inc
M2A-DP DFI-M2A-DP Datasheet
625Kb / 1P
Module Boards
M2A-EDP DFI-M2A-EDP Datasheet
892Kb / 2P
Module Boards
M2A-HDMI20 DFI-M2A-HDMI20 Datasheet
349Kb / 1P
Module Boards
M2A-LVDS DFI-M2A-LVDS Datasheet
892Kb / 2P
Module Boards
More results

Similar Description - M2A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Tyco Electronics
M2B MACOM-M2B Datasheet
331Kb / 3P
Double-Balanced Mixer
M6D-50 MACOM-M6D-50_1 Datasheet
222Kb / 3P
Double-Balanced Mixer
M6R MACOM-M6R Datasheet
187Kb / 3P
Double-Balanced Mixer
M9BC MACOM-M9BC Datasheet
167Kb / 2P
Double-Balanced Mixer
M74 MACOM-M74 Datasheet
431Kb / 3P
Double-Balanced Mixer
M76 MACOM-M76 Datasheet
495Kb / 3P
Double-Balanced Mixer
logo
M/A-COM Technology Solu...
M2E MA-COM-M2E Datasheet
127Kb / 3P
Double-Balanced Mixer
M1G MA-COM-M1G Datasheet
97Kb / 3P
Double-Balanced Mixer
M6D-50 MA-COM-M6D-50 Datasheet
658Kb / 3P
Double-Balanced Mixer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com