Electronic Components Datasheet Search
  English  ▼

X  

MASW-008955 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-008955
Description  GaAs SP3T Switch DC - 3.5 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-008955 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MASW-008955 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-008955 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-008955 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-008955 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
•
North America Tel: 800.366.2266 / Fax: 978.366.2266
•
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
•
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
GaAs SP3T Switch
DC - 3.5 GHz
Rev. V2
MASW-008955
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Insertion Loss
Truth Table 10,11,12
V1
V2
V3
RFC -
RF1
RFC -
RF2
RFC -
RF3
1
0
0
On
Off
Off
0
1
0
Off
On
Off
0
0
1
Off
Off
On
10. 0 = 0 V ± 0.2 V, 1 = 1.8 V to +5 V, minimum VHI-VLO = 1.8 V,
maximum VHI-VLO = 8.5 V.
11. For use at low voltage, M/A-COM recommends connecting
pin 2 to a voltage equal to the most positive control voltage.
12. Negative control voltage may be used. The ‘1’ in the table
would be the most positive (0 V) and the ‘0’ would be the
most negative (-3 V for example).
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Isolation
Return Loss
-40
-35
-30
-25
-20
-15
-10
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Frequency (GHz)
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
1.0
1.5
2.0
2.5
3.0
3.5
RF1
RF2
RF3
Frequency (GHz)
-35
-30
-25
-20
-15
-10
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Input Return Loss (dB)
Output Return Loss (dB)
Frequency (GHz)
Typical Performance Curves



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com