Electronic Components Datasheet Search
  English  ▼

X  

MASW-009359 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-009359
Description  GaAs Broadband High Power SP3T Switch DC - 4.0 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-009359 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASW-009359 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-009359 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-009359 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-009359 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-009359 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
GaAs Broadband High Power SP3T Switch
DC - 4.0 GHz
M/A-COM Products
Rev. V1
MASW-009359
•
North America Tel: 800.366.2266 / Fax: 978.366.2266
•
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
•
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• CDMA Handset Switching Applications
• Balanced (symmetrical) RF Ports
• Low Cross Modulation
• Low Insertion Loss: 0.55 dB @ 1 GHz
• High Isolation: 27 dB @ 1 GHz
• High Power: P0.1dB = 36 dBm @ 1 GHz
• 0.5 micron GaAs pHEMT Process
• Lead-Free 2 mm 12-Lead STQFN with 0.4 mm
lead pitch package
• Halogen-Free “Green” Mold Compound
• RoHS* Compliant and 260°C Reflow Compatible
Description
M/A-COM’s MASW-009359 is an industry leading
GaAs PHEMT MMIC single pole three throw (SP3T)
CDMA-GPS switch in a lead-free 2 mm 12-lead
STQFN package with 0.4 mm lead pitch.
The
MASW-009359 is uniquely configured to enable
switching from a common antenna port to CDMA
cellular, CDMA PCS, or GPS ports. It is also ideal
for other applications where a compact, high
performance, symmetrical SP3T switch is required.
The design is symmetric and has been fully opti-
mized for excellent cross modulation performance in
all three paths while still maintaining excellent inser-
tion loss and isolation.
The symmetrical
design
allows the user to assign CDMA cellular, CDMA
PCS and GPS to ports RF1, RF2 or RF3 to optimize
the layout.
The MASW-009359 is fabricated using a 0.5 micron
gate length GaAs pHEMT process.
The
process
features
full
passivation
for
performance
and
reliability.
Functional Schematic
Ordering Information1,2
Part Number
Package
MASW-009359-TR3000
3000 piece reel
MASW-009359-001SMB
Sample Board
0.05 - 4.0 GHz Tuning
1. Reference Application Note M513 for reel size information.
2. All sample boards include 5 loose parts.
Pin Configuration 3
Pin No.
Function
Description
1
V3
Control 3
2
RF3
RF Port 3
3
GND
Ground
4
GND
Ground
5
RF2
RF Port 2
6
V2
Control 2
7
GND
Ground
8
RF1
RF Port 1
9
V1
Control 1
10
GND
Ground
11
RFC
RF Common
12
GND
Ground
13
GND (paddle)
Ground
3. All package ground pins (P3,4,7,10, 12) and paddle ground
are no connection (N/C) electrically to the internal die. M/A-
COM recommends connecting all ground connections to
PCB ground to ensure a good thermal path.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.


Similar Part No. - MASW-009359

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-009359 MA-COM-MASW-009359 Datasheet
196Kb / 5P
GaAs Broadband High Power SP3T Switch
MASW-009359-001SMB MA-COM-MASW-009359-001SMB Datasheet
693Kb / 6P
GaAs Broadband High Power SP3T Switch
MASW-009359-TR3000 MA-COM-MASW-009359-TR3000 Datasheet
693Kb / 6P
GaAs Broadband High Power SP3T Switch
MASW-009359 MA-COM-MASW-009359_15 Datasheet
693Kb / 6P
GaAs Broadband High Power SP3T Switch
More results

Similar Description - MASW-009359

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0033 MACOM-MASWSS0033 Datasheet
241Kb / 5P
GaAs SP3T 2.5V High Power Switch DC - 2.5 GHz
SW-489 MACOM-SW-489 Datasheet
255Kb / 5P
GaAs SP3T 2.5V High Power Switch DC - 2.5 GHz
logo
Hexawave, Inc
HWS467 HW-HWS467 Datasheet
65Kb / 2P
GaAs DC-2.5 GHz SP3T Switch
logo
M/A-COM Technology Solu...
MASW-008955 MA-COM-MASW-008955 Datasheet
135Kb / 4P
GaAs SP3T Switch DC - 3.5 GHz
MASW-009482 MA-COM-MASW-009482 Datasheet
224Kb / 7P
GaAs Broadband High Power SP3T Switch DC - 4.0 GHz
MASW-009359 MA-COM-MASW-009359 Datasheet
196Kb / 5P
GaAs Broadband High Power SP3T Switch
MASW-009482 MA-COM-MASW-009482 Datasheet
224Kb / 7P
GaAs Broadband High Power SP3T Switch
MASW-009359 MA-COM-MASW-009359_15 Datasheet
693Kb / 6P
GaAs Broadband High Power SP3T Switch
MASW-009482 MA-COM-MASW-009482_15 Datasheet
771Kb / 8P
GaAs Broadband High Power SP3T Switch
MASW-009276-001DIE MA-COM-MASW-009276-001DIE_15 Datasheet
889Kb / 6P
Bumped GaAs SP3T Switch for WLAN 1.0 - 4.0 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com