Electronic Components Datasheet Search
  English  ▼

X  

MRF587 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MRF587
Description  The RF Line NPN Silicon High Frequency Transistor Noise Figure 3.0 dB@ 500MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MRF587 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MRF587 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MRF587 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MRF587 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MRF587 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MRF587 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MRF587 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MRF587 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MRF587 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MRF587 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
The RF Line NPN Silicon High Frequency Transistor
Noise Figure 3.0 dB@ 500MHz
M/A-COM Products
Released - Rev. 07.07
MRF587
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Designed for use in high–gain, low–noise, ultra–linear, tuned and wide-
band amplifiers. Ideal for use in CATV, MATV, and instrumentation
applications.
•
Low noise figure —
NF = 3.0 dB (typ.) @ f = 500 MHz, IC = 90 mA
•
High power gain —
GU(max) = 16.5 dB (typ.) @ f = 500 MHz
•
Ion implanted
•
All gold metal system
•
High fT — 5.5 GHz
•
Low intermodulation distortion:
TB3 = –70 dB
DIN = 125 dB
μV
•
Nichrome emitter ballast resistors
Product Image
CASE 244A–01, STYLE 1


Similar Part No. - MRF587

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF587 MOTOROLA-MRF587 Datasheet
155Kb / 8P
HIGH-FREQUENCY TRANSISTOR NPN SILICON
logo
Tyco Electronics
MRF587 MACOM-MRF587 Datasheet
136Kb / 8P
HIGH-FREQUENCY TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
MRF587 ASI-MRF587 Datasheet
17Kb / 1P
NPN SILICON RF POWER TRANSISTOR
logo
M/A-COM Technology Solu...
MRF587 MA-COM-MRF587 Datasheet
341Kb / 12P
The RF Line NPN Silicon High Frequency Transistor
MRF587 MA-COM-MRF587_15 Datasheet
859Kb / 12P
The RF Line NPN Silicon High Frequency Transistor
More results

Similar Description - MRF587

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBR930L MOTOROLA-MMBR930L Datasheet
46Kb / 1P
The RF Line NPN Silicon High Frequency Transistor
MRF9011 MOTOROLA-MRF9011 Datasheet
475Kb / 7P
The Rf Line NPN Silicon High-Frequency Transistor
logo
List of Unclassifed Man...
BFR91 ETC1-BFR91 Datasheet
50Kb / 4P
The RF Line NPN Silicon High-Frequency Transistor
BFR91A ETC1-BFR91A Datasheet
42Kb / 4P
The RF Line NPN Silicon High-Frequency Transistor
BFR93A ETC1-BFR93A Datasheet
59Kb / 4P
The RF Line NPN Silicon High-Frequency Transistor
logo
M/A-COM Technology Solu...
MRF313 MA-COM-MRF313 Datasheet
113Kb / 4P
The RF Line NPN Silicon High-Frequency Transistor
MRF587 MA-COM-MRF587 Datasheet
341Kb / 12P
The RF Line NPN Silicon High Frequency Transistor
MRF313 MA-COM-MRF313_15 Datasheet
113Kb / 4P
The RF Line NPN Silicon High-Frequency Transistor
MRF313 MA-COM-MRF313_17 Datasheet
493Kb / 5P
The RF Line NPN Silicon High-Frequency Transistor
MRF587 MA-COM-MRF587_17 Datasheet
859Kb / 13P
The RF Line NPN Silicon High Frequency Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com