Electronic Components Datasheet Search
  English  ▼

X  

MTH-50 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MTH-50
Description  Two-Way Power Dividers, 1 - 100 MHz and 40 - 400 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MTH-50 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MTH-50 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MTH-50 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Two-Way Power Dividers,
1 - 100 MHz and 40 - 400 MHz
Rev. V3
MTH-50 / MTV-50
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical Performance Curves
Isolation - Ports 1 - 3
Insertion Loss - Ports 2 - 3, 2 - 1
VSWR
Ordering Information
Part Number
Package
MTH-50 PIN
TO-5-1
MTV-50 PIN
TO-5-1
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.5
1
2
5
10
20
50
100 200 300 400 500 600
F re que nc y ( M H z)
MT H- 50
MT V - 50
10
20
30
40
50
60
70
80
0.5
1
2
5
10
20
50
100 200 300 400 500 600
F re que nc y ( M H z)
MT H- 50
MT V - 50
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
0.5
1
2
5
10
20
50
100 200 300 400 500 600
F re que nc y ( M H z)
M T H- 50 I nput
M T V - 50 Input
M T H- 50 Out p ut
M T V - 50 Out p ut



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com