Electronic Components Datasheet Search
  English  ▼

X  

SMPA511 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # SMPA511
Description  Cascadable Amplifier 10 to 500 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SMPA511 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  SMPA511 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SMPA511 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Cascadable Amplifier
10 to 500 MHz
Rev. V2
PA511 / SMPA511
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: Z0 = 50Ω, VCC = +15 VDC
Parameter
Units
Typical
Guaranteed
25ºC
0º to 50ºC
-54º to +85ºC*
Frequency
MHz
5-600
10-500
10-500
Small Signal Gain (min)
dB
12.7
11.5
11.0
Gain Flatness (max)
dB
±0.4
±0.5
±0.8
Reverse Isolation
dB
17
Noise Figure (max)
dB
4.6
5.0
5.5
Power Output
@ 1 dB comp. (min)
dBm
24.8
23.5
23.0
IP3
dBm
+40
IP2
dBm
+55
Second Order Harmonic IP
dBm
+60
VSWR Input / Output (max)
1.3:1 / 1.4:1
1.8:1 / 1.8:1
2.0:1 / 2.1:1
DC Current @ 15 Volts (max)
mA
118
120
122
Features
• HIGH POWER OUTPUT +24.8 dBm (TYP.)
• HIGH THIRD ORDER IP3 +40 dBm (TYP.)
• MODERATE NOISE FIGURE 4.6 dB (TYP.)
Description
The PA511 RF amplifier is a discrete thin film hybrid design,
which incorporates the use of thin film manufacturing processes
for accurate performance and high reliability.
This single stage bipolar transistor feedback amplifier design
displays impressive performance over a broadband frequency
range. An active DC biasing network is used for temperature-
stable performance, in addition to an RF Choke, used for power
supply decoupling.
Both TO-8 and Surface Mount packages are hermetically sealed,
and MIL-STD-883 environmental screening is available
.
Product Image
Ordering Information
Part Number
Package
PA511
TO-8
SMPA511
Surface Mount
MAAP-008739-CPA511
SMA Connectorized **
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-62ºC to +150ºC
Case Temperature
85ºC
DC Voltage
+17 V
Continuous Input Power
+17 dBm
Short Term Input power
(1 minute max.)
100 mW
Peak Power (3 µsec max.)
0.5 W
“S” Series Burn-In
Temperature (case)
85ºC
Thermal Data: VCC = +15 VDC
Parameter
Rating
Thermal Resistance θjc
ºC/W
Transistor Power Dissipation Pd
W
Junction Temperature Rise
Above Case Tjc
ºC
* Over temperature performance limits for part number CPA511, guaranteed from 0oC to +50oC only.
** The connectorized version is not RoHs compliant.


Similar Part No. - SMPA511

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMPA511 MACOM-SMPA511 Datasheet
355Kb / 2P
Cascadable Amplifier 10 to 500 MHz
More results

Similar Description - SMPA511

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A57 MACOM-A57 Datasheet
108Kb / 1P
10 TO 500 MHz CASCADABLE AMPLIFIER
A53 MACOM-A53 Datasheet
354Kb / 2P
Cascadable Amplifier 10 to 500 MHz
A83 MACOM-A83 Datasheet
354Kb / 2P
Cascadable Amplifier 10 to 500 MHz
A511 MACOM-A511 Datasheet
355Kb / 2P
Cascadable Amplifier 10 to 500 MHz
A515 MACOM-A515 Datasheet
405Kb / 2P
Cascadable Amplifier 10 to 500 MHz
PA511 MACOM-PA511 Datasheet
355Kb / 2P
Cascadable Amplifier 10 to 500 MHz
RA76 MACOM-RA76 Datasheet
484Kb / 2P
Cascadable Amplifier 10 to 500 MHz
SMLA88 MACOM-SMLA88 Datasheet
396Kb / 3P
Cascadable Amplifier 10 to 500 MHz
logo
M/A-COM Technology Solu...
A513 MA-COM-A513 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 500 MHz
RA89-1 MA-COM-RA89-1 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 500 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com