Electronic Components Datasheet Search
  English  ▼

X  

FR12 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # FR12
Description  Single Junction Drop-In Isolator 800MHz, 900MHz, 1800MHz, 1900MHz, 2100MHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

FR12 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  FR12 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Single Junction Drop-In Isolator
800MHz, 900MHz, 1800MHz, 1900MHz, 2100MHz
FR12 Series
V8
1
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• 20dB Isolation
• 0.35dB Insertion Loss
• Low cost package
• Custom products available with alternative con-
figurations such as couplers, attenuators, high
power termination and reverse circulation.
Description
M/A COM’s drop-in circulators and isolators, de-
signed for Wireless base station and power amplifier
applications, feature high reliability performance at a
low cost. These designs feature a low cost package
ideally suited for high volume manufacturing. M/A
Com is one of the largest suppliers of isolator and
circulators in the world.
Ordering Information
Part Number
Frequency Range (MHz)
FR12-0001
869—894
FR12-0002
925—960
FR12-0003
1805—1880
FR12-0004
1930—1990
FR12-0009
2110—2170
Outline Drawing
Electrical Specifications: Z0 = 50Ω
Parameter
-30°C to +85°C
Isolation
20dB minimum
Insertion Loss
0.35dB maximum
VSWR, all ports
1.22:1
Circulation
Clockwise
Absolute Maximum Ratings
1
1. Operation of this device above any one of these parameters
Parameter
Absolute Maximum
Forward Power
250 Watts
Reflected Power
20 Watts
Operating Temperature
-30°C to +85°C
Storage Temperature
-45°C to +100°C


Similar Part No. - FR12

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FR12 FCI-FR12 Datasheet
117Kb / 2P
1.0 Amp FAST RECOVERY PLASTIC RECTIFIERS
logo
Tyco Electronics
FR12 MACOM-FR12 Datasheet
40Kb / 1P
Single Junction Drop-In Isolator 800MHz, 900MHz, 1800MHz, 1900MHz, 2100MHz
FR12-0001 MACOM-FR12-0001 Datasheet
45Kb / 1P
3- Port DROP - IN CIRCULATOR / ISOLATOR 869 - 894 MHz
FR12-0001 MACOM-FR12-0001 Datasheet
40Kb / 1P
Single Junction Drop-In Isolator 800MHz, 900MHz, 1800MHz, 1900MHz, 2100MHz
FR12-0002 MACOM-FR12-0002 Datasheet
45Kb / 1P
3- Port DROP - IN CIRCULATOR / ISOLATOR 925 - 960 MHz
More results

Similar Description - FR12

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FR11 MACOM-FR11 Datasheet
40Kb / 1P
Single Junction Drop-In Circulator 800MHz, 900MHz, 1800MHz, 1900MHz, 2100MHz
FR12 MACOM-FR12 Datasheet
40Kb / 1P
Single Junction Drop-In Isolator 800MHz, 900MHz, 1800MHz, 1900MHz, 2100MHz
FR31 MACOM-FR31 Datasheet
37Kb / 1P
Single Junction Surface Mount Circulator 800MHz, 900MHz, 1800MHz, 1900MHz, 2100MHz
FR32 MACOM-FR32 Datasheet
38Kb / 1P
Single Junction Surface Mount Isolator 800MHz, 900MHz, 1800MHz, 1900MHz, 2100MHz
logo
M/A-COM Technology Solu...
MAFR-000232-000001 MA-COM-MAFR-000232-000001 Datasheet
75Kb / 1P
Single Junction Drop-In Isolator 3.3 GHz-3.4 GHz
FR11 MA-COM-FR11 Datasheet
42Kb / 1P
Single Junction Drop-In Circulator 800MHz, 900MHz, 1800MHz, 1900MHz, 2100MHz
MAFRIN0513 MA-COM-MAFRIN0513 Datasheet
94Kb / 2P
Single Junction Drop-In Isolator
MAFRIN0533 MA-COM-MAFRIN0533 Datasheet
94Kb / 2P
Single Junction Drop-In Isolator
MAFRIN0537 MA-COM-MAFRIN0537 Datasheet
94Kb / 2P
Single Junction Drop-In Isolator
MAFRIN0541 MA-COM-MAFRIN0541 Datasheet
94Kb / 2P
Single Junction Drop-In Isolator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com