Electronic Components Datasheet Search
  English  ▼

X  

RA36 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # RA36
Description  Cascadable Amplifier 100 to 2000 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

RA36 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  RA36 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. RA36 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Cascadable Amplifier
100 to 2000 MHz
Rev. V3
RA36 / SMRA36
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: Z0 = 50Ω, VCC = +15 VDC
Parameter
Units
Typical
Guaranteed
25ºC
0º to 50ºC
-54º to +85ºC*
Frequency
MHz
50-2100
0.1-2.0 GHz
0.1-2.0 GHz
Small Signal Gain (min)
dB
24.0
23.0
22.0
Gain Flatness (max)
dB
±0.5
±0.9
±1.0
Reverse Isolation
dB
40
Noise Figure (max)
dB
5.5
6.5
7.0
Power Output
@ 1 dB comp. (min)
dBm
13.0
12.0
11.5
IP3
dBm
+22
IP2
dBm
+34
Second Order Harmonic IP
dBm
+40
VSWR Input / Output (max)
1.4:1 / 1.4:1
1.8:1 / 1.8:1
2.0:1 / 2.0:1
DC Current @ 15 Volts (max)
mA
76
81
85
Features
• HIGH GAIN-THREE STAGES: 24.0 dB (TYP.)
• LOW VSWR: 1.4:1 (TYP.)
• MEDIUM OUTPUT LEVEL: +13.0 dBm (TYP.)
• WIDE BANDWIDTH: 50-2100 MHz (TYP.)
Description
The RA36 RF amplifier is a discrete hybrid design, which uses
thin film manufacturing processes for consistent performance
and high reliability.
This 3 stage bipolar transistor feedback amplifier design displays
impressive performance over a broadband frequency range. An
active
DC
biasing
network
insures
temperature-stable
performance.
Both TO-8B and Surface Mount packages are hermetically
sealed, and MIL-STD-883 environmental screening is available.
Product Image
Ordering Information
Part Number
Package
RA36
TO-8B
SMRA36
Surface Mount
CRA36 **
SMA Connectorized
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-62ºC to +125ºC
Case Temperature
125ºC
DC Voltage
+17 V
Continuous Input Power
+10 dBm
Short Term Input power
(1 minute max.)
50 mW
Peak Power (3 µsec max.)
0.5 W
“S” Series Burn-In
Temperature (case)
125ºC
Thermal Data: VCC = +15 VDC
Parameter
Rating
Thermal Resistance θjc
160ºC/W
Transistor Power Dissipation Pd
0.287 W
Junction Temperature Rise
Above Case Tjc
46ºC
* Over temperature performance limits for part number CRA36, guaranteed from 0oC to +50oC only.
** The connectorized version is not RoHs compliant.


Similar Part No. - RA36

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RA36 MACOM-RA36 Datasheet
496Kb / 2P
Cascadable Amplifier 100 to 2000 MHz
logo
M/A-COM Technology Solu...
RA36-SMRA36 MA-COM-RA36-SMRA36 Datasheet
1Mb / 2P
Cascadable Amplifier
RA36-SMRA36 MA-COM-RA36-SMRA36_15 Datasheet
1Mb / 2P
Cascadable Amplifier
More results

Similar Description - RA36

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A32 MACOM-A32 Datasheet
112Kb / 1P
100 TO 2000 MHz CASCADABLE AMPLIFIER
A32-1 MACOM-A32-1 Datasheet
375Kb / 2P
Cascadable Amplifier 100 to 2000 MHz
RA36 MACOM-RA36 Datasheet
496Kb / 2P
Cascadable Amplifier 100 to 2000 MHz
A32 MACOM-A32_1 Datasheet
368Kb / 2P
Cascadable Amplifier 100 to 2000 MHz
A34 MACOM-A34_1 Datasheet
377Kb / 2P
Cascadable Amplifier 100 to 2000 MHz
A36 MACOM-A36 Datasheet
370Kb / 2P
Cascadable Amplifier 100 to 2000 MHz
logo
M/A-COM Technology Solu...
SMA31-1 MA-COM-SMA31-1 Datasheet
1Mb / 2P
Cascadable Amplifier 100 to 2000 MHz
SMA32-1 MA-COM-SMA32-1 Datasheet
1Mb / 2P
Cascadable Amplifier 100 to 2000 MHz
SMA34 MA-COM-SMA34 Datasheet
1Mb / 2P
Cascadable Amplifier 100 to 2000 MHz
A32 MA-COM-A32 Datasheet
648Kb / 3P
Cascadable Amplifier 100 to 2000 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com