Electronic Components Datasheet Search
  English  ▼

X  

RA66 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # RA66
Description  Cascadable Amplifier 10 to 1000 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

RA66 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  RA66 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. RA66 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Cascadable Amplifier
10 to 1000 MHz
Rev. V2
RA66 / SMRA66
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: Z0 = 50Ω, VCC = +15 VDC
Parameter
Units
Typical
Guaranteed
25ºC
0º to 50ºC
-54º to +85ºC*
Frequency
MHz
5-1000
10-1000
10-1000
Small Signal Gain (min)
dB
37.0
35.0
34.0
Gain Flatness (max)
dB
±0.6
±1.0
±1.3
Reverse Isolation
dB
45
Noise Figure (max)
dB
3.5
4.5
5.0
Power Output
@ 1 dB comp. (min)
dBm
15.5
14.0
13.0
IP3
dBm
+30
IP2
dBm
+45
Second Order Harmonic IP
dBm
+55
VSWR Input / Output (max)
1.3:1 / 1.3:1
1.8:1 / 1.8:1
2.0:1 / 2.0:1
DC Current @ 15 Volts (max)
mA
81
85
87
Features
• HIGH GAIN - THREE STAGES: 37.0 dB (TYP.)
• LOW NOISE: <3.5 dB (TYP.)
• MEDIUM OUTPUT LEVEL: >+15.5 dBm (TYP.)
• HIGH REVERSE ISOLATION: >50 dB (TYP.)
Description
The RA66 RF amplifier is a discrete hybrid design, which uses
thin film manufacturing processes for consistent performance
and high reliability.
This 3 stage bipolar transistor feedback amplifier design displays
impressive performance over a broadband frequency range. An
active
DC
biasing
network
insures
temperature-stable
performance.
Both TO-8B and Surface Mount packages are hermetically
sealed, and MIL-STD-883 environmental screening is available.
Product Image
Ordering Information
Part Number
Package
RA66
TO-8
SMRA66
Surface Mount
CRA66 **
SMA Connectorized
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-62ºC to +125ºC
Case Temperature
125ºC
DC Voltage
+17 V
Continuous Input Power
+6 dBm
Short Term Input power
(1 minute max.)
100 mW
Peak Power (3 µsec max.)
0.5 W
“S” Series Burn-In
Temperature (case)
125ºC
Thermal Data: VCC = +15 VDC
Parameter
Rating
Thermal Resistance θjc
131ºC/W
Transistor Power Dissipation Pd
0.321 W
Junction Temperature Rise
Above Case Tjc
42ºC
* Over temperature performance limits for part number CRA66, guaranteed from 0oC to +50oC only.
** The connectorized version is not RoHs compliant.


Similar Part No. - RA66

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RA66 MACOM-RA66 Datasheet
414Kb / 2P
Cascadable Amplifier 10 to 1000 MHz
logo
M/A-COM Technology Solu...
RA66-SMRA66 MA-COM-RA66-SMRA66 Datasheet
1Mb / 2P
Cascadable Amplifier
RA66-SMRA66 MA-COM-RA66-SMRA66_15 Datasheet
1Mb / 2P
Cascadable Amplifier
More results

Similar Description - RA66

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A1031 MACOM-A1031 Datasheet
115Kb / 1P
10 TO 1000 MHz CASCADABLE AMPLIFIER
A19-1 MACOM-A19-1 Datasheet
110Kb / 1P
10 TO 1000 MHz CASCADABLE AMPLIFIER
A66-1 MACOM-A66-1 Datasheet
108Kb / 1P
10 TO 1000 MHz CASCADABLE AMPLIFIER
A12 MACOM-A12_1 Datasheet
371Kb / 2P
Cascadable Amplifier 10 to 1000 MHz
A17 MACOM-A17_1 Datasheet
360Kb / 2P
Cascadable Amplifier 10 to 1000 MHz
A19-1 MACOM-A19-1_1 Datasheet
364Kb / 2P
Cascadable Amplifier 10 to 1000 MHz
A66-1 MACOM-A66-1_1 Datasheet
383Kb / 2P
Cascadable Amplifier 10 to 1000 MHz
A1031 MACOM-A1031_1 Datasheet
375Kb / 2P
Cascadable Amplifier 10 to 1000 MHz
logo
M/A-COM Technology Solu...
RA69 MA-COM-RA69 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1000 MHz
A66-1 MA-COM-A66-1_15 Datasheet
737Kb / 5P
Cascadable Amplifier 10 to 1000 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com