Electronic Components Datasheet Search
  English  ▼

X  

SW-162-PIN Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # SW-162-PIN
Description  Matched SPDT RF Switch, 20 - 1500 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SW-162-PIN Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  SW-162-PIN Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SW-162-PIN Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SW-162-PIN Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Matched SPDT RF Switch,
20 - 1500 MHz
Rev. V3
SW-162-PIN
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Internally Terminated
• Integral TTL Driver
• Low Loss: 0.8 dB Typical
• 50 Ohm Nominal Impedance
• MIL-STD-883 Screening Available
Description
Ordering Information
Part Number
Package
SW-162-PIN
DI-1
Note: Reference Application Note M513 for reel size
information.
Note: Die quantity varies.
Functional Block Diagram
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Truth Table
Condition of Switch
RF Common to Each RF
Port
RF1
RF2
0
On
Off
1
Off
On
TTL Control Input
“1” = TTL Logic
High


Similar Part No. - SW-162-PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-162-PIN MACOM-SW-162-PIN Datasheet
137Kb / 3P
Matched SPDT RF Switch, 20-1500MHz
More results

Similar Description - SW-162-PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-112 MACOM-SW-112 Datasheet
106Kb / 1P
SPDT RF Switch 20 - 2000 MHz
SW-162 MACOM-SW-162 Datasheet
83Kb / 1P
Matched SPDT RF Switch 20 - 1500 MHz
SW-164 MACOM-SW-164 Datasheet
101Kb / 1P
Matched SP4T RF Switch 20 - 1500 MHz
SW-112-PIN MACOM-SW-112-PIN Datasheet
135Kb / 3P
SPDT RF Switch, 20 - 2000 MHz
SW-162-PIN MACOM-SW-162-PIN Datasheet
137Kb / 3P
Matched SPDT RF Switch, 20-1500MHz
SW-163-PIN MACOM-SW-163-PIN Datasheet
138Kb / 3P
Matched SP3T RF Switch, 20 - 1500 MHz
SW-164-PIN MACOM-SW-164-PIN Datasheet
138Kb / 3P
Matched SP4T RF Switch, 20 - 1500 MHz
logo
M/A-COM Technology Solu...
SW-112-PIN MA-COM-SW-112-PIN Datasheet
54Kb / 3P
SPDT RF Switch, 20 - 2000 MHz
SW-163-PIN MA-COM-SW-163-PIN Datasheet
55Kb / 3P
Matched SP3T RF Switch, 20 - 1500 MHz
SW-164-PIN MA-COM-SW-164-PIN Datasheet
55Kb / 3P
Matched SP4T RF Switch, 20-1500 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com