Electronic Components Datasheet Search
  English  ▼

X  

SW-227-PIN Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # SW-227-PIN
Description  GaAs SPDT Switch DC - 4 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SW-227-PIN Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  SW-227-PIN Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SW-227-PIN Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SW-227-PIN Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. SW-227-PIN Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
GaAs SPDT Switch
DC - 4 GHz
Rev. V6
SW-226-PIN / -227-PIN / -228-PIN
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Terminated (SW-226-PIN), High Isolation
(SW-227-PIN), Low Loss (SW-228-PIN)
• Fast Switching Speed: 6 nS Typical
• Ultra Low DC Power Consumption
• Lead-Free 7-Lead Ceramic Package
• RoHS* Compliant and 260°C Reflow Compatible
Description
M/A-COM’s SW-226/227/228-PIN are GaAs MMIC
SPDT switches packaged in lead-free, surface
mount CR-2 ceramic style packages. The SW-226-
PIN is a terminated SPDT. The SW-227-PIN offers
high isolation. The SW-228-PIN offers low insertion
loss. This ceramic switch platform has a common
footprint for all three designs. The CR-2 package is
hermetically sealed, making these switches ideal for
space, military radios, and other environmentally
harsh applications.
Typical applications include synthesizer switching,
transmit/receive switching, switch matrices and filter
banks in systems such as radio and cellular
equipment, PCM, GPS, and fiber optic modules.
The SW-226/227/228-PIN are fabricated as mono-
lithic GaAs MMICs using a 1.0 micron MESFET
process.
Ordering Information
Part Number
Package
SW-226-PIN
Ceramic (CR-2)
SW-227-PIN
Ceramic (CR-2)
SW-228-PIN
Ceramic (CR-2)
Block Diagram/Pin Configuration
SW-226-PIN
3
A1
B1
B2
A2
RF1
RF2
50
50
RF Common
A1
B1
B2
A2
RF1
RF2
RF Common
Block Diagram/Pin Configuration
SW-227-PIN
3
Block Diagram/Pin Configuration
SW-228-PIN
3
Absolute Maximum Ratings
1,2
Parameter
Absolute Maximum
Input Power
0.05 GHz
0.5 - 4.0 GHz
+27 dBm
+34 dBm
Control Voltage
-8.5 V < Vc < +5 V
Operating Temperature
-55°C to +125°C
Storage Temperature
-65°C to +150°C
1. Exceeding any one or combination of these limits may cause
permanent damage to this device.
2. M/A-COM does not recommend sustained operation near
these survivability limits.
A1
N/C
N/C
B1
RF1
RF2
RF Common
N/C = No Connection
3. Bottom of case is RF ground.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.


Similar Part No. - SW-227-PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-227-PIN MACOM-SW-227-PIN Datasheet
141Kb / 4P
GaAs SPDT Switch DC - 4 GHz
logo
M/A-COM Technology Solu...
SW-227-PIN MA-COM-SW-227-PIN Datasheet
638Kb / 5P
GaAs SPDT Switch
More results

Similar Description - SW-227-PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW4030G MACOM-MASW4030G Datasheet
162Kb / 2P
GaAs SPDT Switch DC - 4 GHz
SW-226 MACOM-SW-226 Datasheet
89Kb / 2P
GaAs SPDT Switch DC-4 GHz
MASWSS0136 MACOM-MASWSS0136 Datasheet
117Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
SW-226-PIN MACOM-SW-226-PIN Datasheet
141Kb / 4P
GaAs SPDT Switch DC - 4 GHz
logo
Hexawave, Inc
HWS301 HW-HWS301 Datasheet
116Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS426 HW-HWS426 Datasheet
73Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS450 HW-HWS450 Datasheet
80Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS2702 HW-HWS2702 Datasheet
115Kb / 2P
GaAs DC-2.0 GHz SPDT Switch
logo
Hittite Microwave Corpo...
HMC240A HITTITE-HMC240A Datasheet
259Kb / 6P
GaAs MMIC SPDT SWITCH DC - 4 GHz
HMC240 HITTITE-HMC240_10 Datasheet
152Kb / 6P
GaAs MMIC SPDT SWITCH DC - 4 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com